Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1647653 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1647653
Description  Extension adapter - ENLAR-M-KV-M16/M20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1647653 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1647653 Datasheet HTML 1Page - PHOENIX CONTACT 1647653 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1647653
1/9/14   Page 1 / 2
Extension adapter - ENLAR-M-KV-M16/M20 - 1647653
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Step-up adapter, M16 to M20, including O-ring
Key commercial data
Packing unit
1 pc
Minimum order quantity
10 pc
GTIN
Weight per Piece (excluding packing)
14.5 GRM
Custom tariff number
74153300
Country of origin
Germany
Technical data
Dimensions
External cable diameter
12 mm
Ambient conditions
Degree of protection
IP68 (Depends on the screw connection used)
Ambient temperature (operation)
-20 °C ... 80 °C
General
Material
Nickel-plated brass
Material, O-ring
NBR
Thread type on connection side
M20


Similar Part No. - 1647653

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
16476530 ADELS-16476530 Datasheet
128Kb / 2P
AC 166 VLCG/515 300 black
26/11/2019
More results

Similar Description - 1647653

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1410725 PHOENIX-1410725 Datasheet
52Kb / 2P
Reducing adapter - REDUC-K-KV-M32/M20 BK
1646146 PHOENIX-1646146 Datasheet
85Kb / 3P
HC-M-KV-Z-M20
1647611 PHOENIX-1647611 Datasheet
51Kb / 2P
Reducing adapter - REDUC-M-KV-M20/M16
1647624 PHOENIX-1647624 Datasheet
51Kb / 2P
Reducing adapter - REDUC-M-KV-M25/M20
1647679 PHOENIX-1647679 Datasheet
82Kb / 3P
ENLAR-M-KV-M25/M32
1647682 PHOENIX-1647682 Datasheet
52Kb / 2P
Extension adapter - ENLAR-M-KV-M32/M40
1690558 PHOENIX-1690558 Datasheet
99Kb / 3P
HC-M-KV-M16(5-9)
1690561 PHOENIX-1690561 Datasheet
100Kb / 3P
HC-M-KV-M20(9-13)
1082732 PHOENIX-1082732 Datasheet
234Kb / 3P
Reducing adapter - REDUC-K-KV-M20/M16 BK
01/21/2022
1647666 PHOENIX-1647666 Datasheet
63Kb / 3P
Extension adapter - ENLAR-M-KV-M20/M25
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com