Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGS15-018CS Datasheet(PDF) 1 Page - IXYS Corporation

Part # DGS15-018CS
Description  Gallium Arsenide Schottky Rectifier Second generation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DGS15-018CS Datasheet(HTML) 1 Page - IXYS Corporation

  DGS15-018CS Datasheet HTML 1Page - IXYS Corporation DGS15-018CS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2005 IXYS All rights reserved
1 - 2
DGS
15-018CS
DGSK 32-018CS
IXYS reserves the right to change limits, Conditions and dimensions.
V
RRM
= 180 V
I
DC
= 24 A
C
Junction = 21 pF
Gallium Arsenide Schottky Rectifier
Second generation
Data according to IEC 60747 and per diode unless otherwise specified
Features
GaAs Schottky Diode with Enhanced
Barrier Height:
• lowest operating forward voltage drop due
to additional injection of minority carriers
• high switching speed
- low junction capacity of GaAs diode
independent from temperature
- short and low reverse recovery current
peak due to short lifetime of minority
carriers
- soft turn off
Surface Mount Packages:
• Incorporating Single and Dual Diode
Topologies
• Industry Standard Package Outlines
• Epoxy meets UL 94V-0
Applications
Switched Mode Power Supplies:
• AC-DC converters
• DC-DC converters
with:
• high switching frequency
• high efficiency
• low EMI
for use e. g. in:
• telecom
• computer
• automotive equipment
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 7.5 A;
T
VJ =
25°C
1.25
1.5
V
I
F = 7.5 A;
T
VJ = 125°C
1.0
V
I
R
V
R = VRRM;TVJ =
25°C
0.25 mA
V
R = VRRM;TVJ = 125°C
0.25
mA
I
RM
I
F = 5 A;
-di
F/dt = 150 A/µs;
1.1
A
t
rr
V
R = 100 V;
T
VJ = 125°C
23
ns
C
J
V
R = 100 V;
T
VJ = 125°C
21
pF
R
thJC
4.4 K/W
Symbol
Conditions
Maximum Ratings
V
RRM/RSM
180
V
I
FAV
T
C = 25
°C; DC
24
A
I
FAV
T
C = 90
°C; DC
15
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
80
A
P
tot
T
C = 25
°C34
W
Diode
Component
Symbol
Conditions
Maximum Ratings
T
VJ
-55...+175
°C
T
stg
-55...+150
°C
Symbol
Conditions
Characteristic Values
min.
typ.
max.
Weight
TO-252
0.3
g
TO-263
2
g
A
TO-252 AA
A
TAB
Type
Marking on product
Circuit
Package
DGS 15-018CS
15A180AS
DGSK 32-018CS
DGSK 32-018CS
Common cathode
ACA
AC
Single
TO-263 AB
A
A
TAB
A = Anode, TAB = Cathode


Similar Part No. - DGS15-018CS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS10-022AS IXYS-DGS10-022AS Datasheet
26Kb / 1P
Gallium Arsenide Schottky Rectifier
DGS10-025AS IXYS-DGS10-025AS Datasheet
26Kb / 1P
Gallium Arsenide Schottky Rectifier
DGS10-03A IXYS-DGS10-03A Datasheet
56Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS17-03CS IXYS-DGS17-03CS Datasheet
55Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS19-025AS IXYS-DGS19-025AS Datasheet
165Kb / 3P
Gallium Arsenide Schottky Rectifier
More results

Similar Description - DGS15-018CS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS17-03CS IXYS-DGS17-03CS Datasheet
55Kb / 2P
Gallium Arsenide Schottky Rectifier
L680 IXYS-L680 Datasheet
60Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS3-01AS IXYS-DGS3-01AS Datasheet
37Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS9-03AS IXYS-DGS9-03AS Datasheet
56Kb / 2P
Gallium Arsenide Schottky Rectifier
DGSS10-06CC IXYS-DGSS10-06CC Datasheet
60Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS19-025AS IXYS-DGS19-025AS Datasheet
165Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS20-022A IXYS-DGS20-022A Datasheet
71Kb / 2P
Gallium Arsenide Schottky Rectifier
GS8DI25104 IXYS-GS8DI25104 Datasheet
52Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25104 IXYS-GS150TA25104 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25110 IXYS-GS150TA25110 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com