Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP84244 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84244
Description  TRI-STATE Drivers Which are Designed For Heavy Capacitive Load Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84244 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP84244 Datasheet HTML 1Page - National Semiconductor (TI) DP84244 Datasheet HTML 2Page - National Semiconductor (TI) DP84244 Datasheet HTML 3Page - National Semiconductor (TI) DP84244 Datasheet HTML 4Page - National Semiconductor (TI) DP84244 Datasheet HTML 5Page - National Semiconductor (TI) DP84244 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics VCC e 5V g10% 0 s TA s 70 C all outputs loaded with specified load capaci-
tance and all eight outputs switching simultaneously (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH
Propagation Delay from
Figures 1
3
CL e 250 pF
9
16
27
ns
LOW-to-HIGH Output
CL e 500 pF
10
20
33
tPHL
Propagation Delay from
CL e 250 pF
9
16
25
ns
HIGH-to-LOW Output
CL e 500 pF
12
20
31
tPLZ
Output Disable Time from LOW
Figures 2
4 S e 1 CL e 50 pF
11
24
ns
tPHZ
Output Disable Time from HIGH
Figures 2
4 S e 2 CL e 50 pF
12
24
ns
tPZL
Output Enable Time to LOW
Figures 2
4 S e 1 CL e 500 pF
30
45
ns
tPZH
Output Enable Time to HIGH
Figures 2
4 S e 2 CL e 500 pF
23
35
ns
tSKEW
Output-to-Output Skew (Note 4)
Figures 1
3 CL e 500 pF
3
ns
Capacitance TA e 25 C f e 1 MHz VCC e 5V g10% (Note 3)
Parameter
Conditions
Typ
Units
CIN
All Other Inputs Tied Low
6
pF
COUT
Output in TRI-STATE Mode
20
pF
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
All currents into device pins shown as positive all currents out of device pins shown as negative all voltages referenced to ground unless otherwise noted
All values shown as max or min are on an absolute value basis
Note 3
Typical characteristics are taken at VCC e 50V and TA e 25 C
Note 4
The output-to-output skew is primarily a function of the number of outputs switching and the capacitive loading on those outputs See
Figures 5 and 6 for
the switching time variations
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com