Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB350 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # EB350
Description  Primarily as an Expanded Mode Microcontroller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

EB350 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  EB350 Datasheet HTML 1Page - Freescale Semiconductor, Inc EB350 Datasheet HTML 2Page - Freescale Semiconductor, Inc EB350 Datasheet HTML 3Page - Freescale Semiconductor, Inc EB350 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Engineering Bulletin
Software Setup Using P&E’s SDBUG12 Program
EB350
MOTOROLA
3
Software Setup Using P&E’s SDBUG12 Program
When using a software debugger in special expanded narrow mode, it is
important to note that the mode register has to be modified.
To start the program, simply get into the directory where the executable
is loaded. Type sdbug12 freq x000000 where x is the A4EVB’s bus
speed.
When this command is typed, either COM1 or COM2 can be used.
Contact P&E Microcomputer Systems, Inc., at its Web site,
www.pemicro.com, for specifics.
Once the SDBUG12 screen is displayed, execute a register modify to
ensure the software is communicating properly with the PC. Type A55
and watch the screen value for the A accumulator value change. Reset
it to 0 by typing A 00 and observe the A accumulator value change.
So far, the microcontroller is in special single-chip mode. For expanded
narrow mode functionality, the mode register needs to be written twice
with $39 which will provide access to external peripherals in expanded
narrow format and gain access to the bus in 8-bit mode where the data
is provided on data lines d8 to d15.
Make sure the chip select control register (CSCTL) has CSP0 enabled.
Execute a memory modify command by typing mm 3C
, and when the
enter key is pressed, the debugger will provide the current value and
designate a field to place the new value in. If the register does not show
the proper value ($20) for CSP0 to be enabled, set it to the proper value.
To check U6B’s accessibility, simply execute a memory modify
command at a memory location inside the RAM’s address space. Type
mm <address>
, and the command will respond with the current value
and prompt for the new value.
If this is successful, download an S19 record to the microcontroller,
provided that the record is within RAM’s range.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com