Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM9573-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM9573-C
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM9573-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSM9573-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM9573-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM9573-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM9573-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSM9573-C
-2.7A, -60V, RDS(ON) 175mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
27-Oct-2017 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-60
-
-
V
VGS=0, ID= -250µA
Gate-Threshold Voltage
VGS(th)
-1
-
-3
V
VDS=VGS, ID= -250µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage
Current
TJ=25°C
IDSS
-
-
-1
µA
VDS= -48V, VGS=0
TJ=55°C
-
-
-5
V DS= -48V, VGS=0
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
175
m
VGS= -10V, ID= -2.5A
-
-
230
VGS= -4.5V, ID= -1.5A
Total Gate Charge
Qg
-
4.59
-
nC
ID= -2A
VDS= -20V
VGS= -4.5V
Gate-Source Charge
Qgs
-
1.39
-
Gate-Drain (‘‘Miller’’) Change
Qgd
-
1.62
-
Turn-on Delay Time
2
Td(on)
-
17.4
-
nS
VDS= -15V
VGS= -10V
RG=3.3
ID= -1A
Rise Time
Tr
-
5.4
-
Turn-off Delay Time
Td(off)
-
37.2
-
Fall Time
Tf
-
2.4
-
Input Capacitance
Ciss
-
531
-
pF
VGS=0
VDS=15V
f=1.0MHz
Output Capacitance
Coss
-
59
-
Reverse Transfer Capacitance
Crss
-
38
-
Source-Drain Diode
Diode Forward Voltage
2
VSD
-
-
-1.2
V
IS= -1A, VGS=0
Continuous Source Current
1.4
IS
-
-
-2.7
A
VDS=VGS=0, Force Current
Pulsed Source Current
2.4
ISM
-
-
-5
A
Notes:
1.
Surface mounted on a 1 inch
2 FR4 board with 2OZ copper, t≦10sec., 125°C/W when mounted on Min. copper pad.
2.
The data tested by pulsed, pulse width≦300us, duty cycle≦2%.
3.
The power dissipation is limited by 150°C junction temperature.
4.
The data is theoretically the same as ID and IDM, in real applications, should be limited by total power dissipation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com