Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2640L-SO8-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UM2640L-SO8-R
Description  TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2640L-SO8-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UM2640L-SO8-R Datasheet HTML 1Page - Unisonic Technologies UM2640L-SO8-R Datasheet HTML 2Page - Unisonic Technologies UM2640L-SO8-R Datasheet HTML 3Page - Unisonic Technologies UM2640L-SO8-R Datasheet HTML 4Page - Unisonic Technologies UM2640L-SO8-R Datasheet HTML 5Page - Unisonic Technologies UM2640L-SO8-R Datasheet HTML 6Page - Unisonic Technologies UM2640L-SO8-R Datasheet HTML 7Page - Unisonic Technologies UM2640L-SO8-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UM2640
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 8
www.unisonic.com.tw
QW-R109-027.D
APPLI CAT I ON I N FORM AT I ON (Cont .)
2. Design of Ra and Ca
Ra and Ca must be used if VCC exceeds operating voltage range of UTC UM2640.
Example of VCC 60V Application
Given that current consumption of UTC UM2640 is 4mA (at VCC=48V), Ra is given by:
Ω
k
3
=
10
×
4
48
-
60
=
Ra
3
-
Ca is needed if UTC UM2640 is oscillated or shows unstable operation. A typical value of Ca is from 0.01µF to
0.1µF. A ceramic type is recommended and it must be placed near VCC and Gnd.
By insertion of Ra and Ca,the ESD immunity is improved greatly.
3. Design of D2
If an application requires active power on and off, TR1 (TR2) may be damaged or resulted in destruction.
In such application, adding diode between motor winding and Gnd will reduce the damage.
4. Design of ZD1 and ZD2
Zenner diodes are used for limiting kick back voltage of motor winding generated when power transistors is (TR1
and TR2) turned off from on.
There are two methods to consume kick back voltage:
1) Inserting ZD1 (zenner diode connected between Base and Collector of TR1) Energy of kick back voltage is
consumed by TR1 (or TR2). When ZD1 is in operation, Collector voltage is sum of Vbe and ZD1. Therefore,
breakdown voltage of ZD1 must be lower than that of TR1.
2) Inserting ZD2 (zenner diode connected between Collector and Emitter of TR1) Energy of kick back voltage is
consumed by ZD2. To protect TR1, breakdown voltage of ZD2 must be lower than that of TR1.
This method is generally used when Energy of kick back voltage is large. In such application, power rating of ZD
must take in consideration.
5. Selection of C1 and D1:
C1 is used to weaken noise. A typical value is 0.1uF.
Optimize the value in actual operating conditions if necessary. D1 is a diode for protecting against reverse voltage
supply. Silicon rectifier diode is appropriate.
6. Design of R1 and R2
Hall amplifier is a differential amplifier with hysteresis characteristics (24mV typical).
The common-mode input voltage is between 1.5V and VCC-2V and the input signal must be within the range.
Non-excitation hall bias voltage is to be set at a half of VCC for effective use of common-mode input voltage range.
Therefore the same value of hall bias resistors is selected for R1 and R2.
The output voltage of hall elements is effected by the bias current and magnetic flux density of hall elements.
The optimum input voltage of UTC UM2640 is 100mVp-p and higher. With such input voltage, the highest
efficiency can be obtained.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com