Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT28521 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UT28521
Description  SO-Interface Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT28521 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UT28521 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNIVERSAL MICROELECTRONICS CO.,LTD.
3,27TH RD.,TAICHUNG INDUSTRIAL PARK,
TEL:886-4-23590096 FAX:886-4-23590129
TAICHUNG,TAIWAN,R.O.C
http://www.umec-web.com
E-mail:business@umec.com.tw
ISDN
SPECIFICATION
REV.
UM MODEL NO.:
UT28521
SO-Interface Transformer
A1
99/05
Characteristic data:
RI
5.0
RII=RIII
1.2
Tu(amb)
600C
Schematic diagram:
Electrical Specification at 25
0C:
1.)LII+III
22mH,(NII+III series),at 10KHz 100mV
2.)Polarity and turns ratio tolerance:
2%
3.)Ck
105pF,(NI to NII NIII),at 10KHz 100mV
4.)LsII+III
4.0uH,(NII+III series, NI shorted),at 100KHz 100mV
5.)HI-pot test:
Up=1.5KVrms,2s(NI to NII+NIII)
Up=0.5KVrms,2s(NII to NIII)
Dimension:
NOTE: Specifications are subject to change without prior notice.
UNIT: mm
Tolerances:
0.2mm
E10-013-C


Similar Part No. - UT28521

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2804 UTC-UT2804 Datasheet
174Kb / 3P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UT2804G-TN3-R UTC-UT2804G-TN3-R Datasheet
174Kb / 3P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
UT2804L-TN3-R UTC-UT2804L-TN3-R Datasheet
174Kb / 3P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
SHENZHEN DOINGTER SEMIC...
UT2804L-TN3-R DOINGTER-UT2804L-TN3-R Datasheet
635Kb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Aeroflex Circuit Techno...
UT28F256 AEROFLEX-UT28F256 Datasheet
69Kb / 11P
Radiation-Hardened 32K x 8 PROM
More results

Similar Description - UT28521

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
TX02-4400 IXYS-TX02-4400 Datasheet
49Kb / 2P
Interface Transformer
logo
TALEMA Group. LLC
20186 TALEMA-20186 Datasheet
34Kb / 1P
ISDN-SO Miniature Interface Transformer
SMJ-100B TALEMA-SMJ-100B Datasheet
54Kb / 2P
ISDN - SO SMD Single Interface Transformers
HVM-100C1-502 TALEMA-HVM-100C1-502 Datasheet
33Kb / 1P
ISDN SO DIL Interface Modules
ISJ-100B TALEMA-ISJ-100B Datasheet
34Kb / 1P
ISDN - SO Miniature Interface Transformer
MUJ-100A TALEMA-MUJ-100A Datasheet
127Kb / 2P
ISDN SO Miniature SMD Interface Modules
MSJ-400A TALEMA-MSJ-400A Datasheet
32Kb / 1P
ISDN SO Compact SMD Interface Modules
logo
PCA ELECTRONICS INC.
EPA4227G-LF PCA-EPA4227G-LF Datasheet
15Kb / 1P
So Interface Transformer
EPR1341GE PCA-EPR1341GE Datasheet
16Kb / 1P
Interface Transformer
logo
Rhombus Industries Inc.
T-13104 RHOMBUS-IND-T-13104 Datasheet
25Kb / 1P
T3 Interface Transformer
4/27/99
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com