Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOS-1205-GQ Datasheet(PDF) 2 Page - SICK AG

Part # DOS-1205-GQ
Description  Plug connector cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DOS-1205-GQ Datasheet(HTML) 2 Page - SICK AG

  DOS-1205-GQ Datasheet HTML 1Page - SICK AG DOS-1205-GQ Datasheet HTML 2Page - SICK AG DOS-1205-GQ Datasheet HTML 3Page - SICK AG DOS-1205-GQ Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DOS-1205-GQ
Ordering information
Type
Part no.
DOS-1205-GQ
6021353
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Field-attachable connectors
Connection type head A
Female connector, M12, 5-pin, straight, B-coded
Connection type head B
-
Connection type
Screw-type terminals
Connector material
CuZn
Connector color
Silver
Locking nut material
CuZn, nickel-plated brass
Tightening torque
0.5 Nm
Conductor cross-section
0.14 mm²
Shielding
Shielded
Permitted cable diameter
4.5 mm ... 7 mm
Permitted cross-section
≤ 0.75 mm²
Reference voltage
≤ 60 V
Current loading
4 A
Signal type
PROFIBUS DP
Enclosure rating
IP67
Description
Head A: M12 female connector, 5-pin, straight, B-coded, PROFIBUS DP, shielded, for cable di-
ameter 4 mm ... 9 mm Head B: -
Ambient operating temperature
Head –25 °C ... +90 °C
Classifications
ECl@ss 5.0
27279290
ECl@ss 5.1.4
27279290
ECl@ss 6.0
27279221
ECl@ss 6.2
27279221
ECl@ss 7.0
27440104
ECl@ss 8.0
27440104
ECl@ss 8.1
27440104
ECl@ss 9.0
27440102
ETIM 5.0
EC002635
ETIM 6.0
EC002635
2
| SICK
Online data sheet | 2018-11-17 00:23:45
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com