Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36LLR8760M1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M36LLR8760M1
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760M1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M36LLR8760M1 Datasheet HTML 3Page - STMicroelectronics M36LLR8760M1 Datasheet HTML 4Page - STMicroelectronics M36LLR8760M1 Datasheet HTML 5Page - STMicroelectronics M36LLR8760M1 Datasheet HTML 6Page - STMicroelectronics M36LLR8760M1 Datasheet HTML 7Page - STMicroelectronics M36LLR8760M1 Datasheet HTML 8Page - STMicroelectronics M36LLR8760M1 Datasheet HTML 9Page - STMicroelectronics M36LLR8760M1 Datasheet HTML 10Page - STMicroelectronics M36LLR8760M1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
SIGNAL DESCRIPTIONS
See Figure 2., Logic Diagram and Table 1., Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A0-A23). Addresses
A0-A21
are common inputs for the Flash memory and
PSRAM components. A22 is common to the two
Flash memory components whereas A23 is an ad-
dress input for the 256 Mbit Flash memory compo-
nent only.
The Address Inputs select the cells in the memory
array to access during Bus Read operations. Dur-
ing Bus Write operations they control the com-
mands sent to the Command Interface of the
internal state machine. The Flash memories are
accessed through the Chip Enable signal (EF) and
through the Write Enable signal (WF), while the
PSRAM is accessed through the Chip Enable sig-
nal (EP) and the Write Enable signal (WP).
It is not allowed to have EF Low, and EP Low at the
same time.
Data Input/Output (DQ0-DQ15). The Data I/O
output the data stored at the selected address dur-
ing a Bus Read operation or input a command or
the data to be programmed during a Bus Write op-
eration.
For the PSRAM component, the upper Byte Data
Inputs/Outputs (DQ8-DQ15) carry the data to or
from the upper part of the selected address when
Upper Byte Enable (UBP) is driven Low. The lower
Byte Data Inputs/Outputs (DQ0-DQ7) carry the
data to or from the lower part of the selected ad-
dress when Lower Byte Enable (LBP) is driven
Low. When both UBP and LBP are disabled, the
Data Inputs/ Outputs are high impedance.
Latch Enable (L). The Latch Enable pin is com-
mon to the Flash memory and PSRAM compo-
nents.
For details of how the Latch Enable signal be-
haves, please refer to the datasheets of the re-
spective memory components: M69KB096AA for
the
PSRAM
and
M30L0R8000(T/B)0
and
M58LR128GT/B for Flash 1 and Flash 2, respec-
tively.
Clock (K). The Clock input pin is common to the
Flash memory and PSRAM components.
For details of how the Clock signal behaves,
please refer to the datasheets of the respective
memory
components:
M69KB096AA
for
the
PSRAM
and
M30L0R8000(T/B)0
and
M58LR128GT/B for Flash 1 and Flash 2, respec-
tively.
Wait (WAIT). WAIT is an output pin common to
the Flash memory and PSRAM components. How-
ever the WAIT signal does not behave in the same
way for the PSRAM and the Flash memories.
For details of how it behaves, please refer to the
M69KB096AA datasheet for the PSRAM and to
the
M30L0R8000T/B0
and
M58LR128GT/B
datasheets for Flash 1 and Flash 2, respectively.
Flash Chip Enable Inputs (EF1, EF2). The
Flash Chip Enable inputs activate the control logic,
input buffers, decoders and sense amplifiers of the
Flash memory component selected (EF1 is used to
select Flash 1, EF2 is used to select Flash 2).
When Chip Enable is Low, VIL, and Reset is High,
VIH, the device is in active mode. When Chip En-
able is at VIH the corresponding Flash memory are
deselected, the outputs are high impedance and
the power consumption is reduced to the standby
level.
It is not allowed to have EF1 at VIL, EF2 at VIL and
EP at VIL at the same time. Only one memory com-
ponent can be enabled at a time.
Flash Output Enable Inputs (GF1, GF2). The
Output Enable pins control the data outputs during
Flash memory Bus Read operations.
Flash Write Enable (WF). The
Write
Enable
controls the Bus Write operation of the Flash
memories’ Command Interface. The data and ad-
dress inputs are latched on the rising edge of Chip
Enable or Write Enable whichever occurs first.
Flash Write Protect (WPF). Write Protect is an
input that gives an additional hardware protection
for each block. When Write Protect is Low, VIL,
Lock-Down is enabled and the protection status of
the Locked-Down blocks cannot be changed.
When Write Protect is at High, VIH, Lock-Down is
disabled and the Locked-Down blocks can be
locked or unlocked. (See the Lock Status Table in
the
M30L0R8000(T/B)0
and
M58LR128GT/B
datasheets).
Flash Reset (RPF). The Reset input provides a
hardware reset of the Flash memories. When Re-
set is at VIL, the memory is in Reset mode: the out-
puts
are
high
impedance
and
the
current
consumption is reduced to the Reset Supply Cur-
rent IDD2. Refer to Table 6., Flash 1 DC Character-
istics - Currents, for the value of IDD2. After Reset
all blocks are in the Locked state and the Configu-
ration Register is reset. When Reset is at VIH, the
device is in normal operation. Exiting Reset mode
the device enters Asynchronous Read mode, but



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com