Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36LLR876B0 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M36LLR876B0
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR876B0 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M36LLR876B0 Datasheet HTML 11Page - STMicroelectronics M36LLR876B0 Datasheet HTML 12Page - STMicroelectronics M36LLR876B0 Datasheet HTML 13Page - STMicroelectronics M36LLR876B0 Datasheet HTML 14Page - STMicroelectronics M36LLR876B0 Datasheet HTML 15Page - STMicroelectronics M36LLR876B0 Datasheet HTML 16Page - STMicroelectronics M36LLR876B0 Datasheet HTML 17Page - STMicroelectronics M36LLR876B0 Datasheet HTML 18Page - STMicroelectronics M36LLR876B0 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15/19
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
Table 8. Flash 1 and Flash 2 DC Characteristics - Voltages
Table 9. PSRAM DC Characteristics
Note: 1. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add the current required to
drive the output capacitance expected in the actual system.
2. ISB(Max) values are measured with RCR2 to RCR0 bits set to ‘000’ (full array refresh) and RCR6 to RCR5 bits set to ‘11’ (temper-
ature compensated refresh threshold at +85°C). In order to achieve low standby current, all inputs must be driven either to VCCQ
or VSS.
3. The Operating Temperature is +25°C.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIL
Input Low Voltage
0
0.4
V
VIH
Input High Voltage
VDDQF –
0.4
VDDQF +
0.4
V
VOL
Output Low Voltage
IOL = 100µA
0.1
V
VOH
Output High Voltage
IOH = –100µA
VDDQF –
0.1
V
VPP1
VPPF Program Voltage-Logic
Program, Erase
1.1
1.8
3.3
V
VPPH
VPPF Program Voltage Factory
Program, Erase
8.5
9.0
9.5
V
VPPLK
Program or Erase Lockout
0.4
V
VLKO
VDDF1/F2 Lock Voltage
1V
VRPH
RPF pin Extended High Voltage
3.3
V
Symbo
l
Parameter
Test Condition
Min.
Typ
Max.
Uni
t
ICC1
(1) Operating Current: Asynchronous Random
Read/Write
VCC =VIH or VIL,
E = VIL,
IOUT = 0mA
70ns
25
mA
ICC1P
(1)
Operating Current: Asynchronous Page Read
70ns
15
mA
ICC2
(1) Operating Current:
Initial Access, Burst Read/Write
80MHz
35
mA
66MHz
30
mA
ICC3R
(1) Operating Current:
Continuous Burst Read
80MHz
18
mA
66MHz
15
mA
ICC3W
(1
)
Operating Current:
Continuous Burst Write
80MHz
35
mA
66MHz
30
mA
ISB
(2)
VCC Standby Current
VCC = VCCQ or 0V,
E = VIH
120
µA
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
1µA
ILO
Output Leakage Current
G = VIH or E = VIH
1µA
IZZ
Deep-Power Down Current
VIN = VIH or VIL
10
µA
VIH
Input High Voltage
1.4
VCCQ +
0.2
V
VIL
Input Low Voltage
−0.2
0.4
V
VOH
Output High Voltage
IOH = −0.2mA
0.8VCC
Q
V
VOL
Output Low Voltage
IOL = 0.2mA
0.2VCCQ
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com