Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXCPT1040 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXCPT1040
Description  Smallest Miniature Atomic Clock in 45 x 36 mm Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXCPT1040 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXCPT1040 Datasheet HTML 1Page - Advanced XTAL Products AXCPT1040 Datasheet HTML 2Page - Advanced XTAL Products AXCPT1040 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AXCPT1040 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max. Unit
Condition
Nominal output frequency
10.000
MHz
Frequency stability
Initial tolerance at delivery @ +25°C
±0.05
ppb
vs. operating temperature range
±0.05
±1.00
ppb
steady state
Long term (aging) per day
±0.03
ppb
after 30 days operation
Long term (aging) per month
±0.30
ppb
after 30 days operation
Retrace @ +25°C
±0.05
ppb
1 h after 24 hrs OFF
Frequency adjustment range
Digital Frequency Control (DFC)
±10
ppb
RS-232 interface (Note 2)
RF output
Signal waveform
LVCMOS
Load RL
15
pF
Phase noise
-90
-120
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
Short-term stability (ADEV)
2·10-11
7·10-11
2·10-11
3·10-10
1·10-10
3·10-11
@ τ = 1 sec
@ τ = 10 sec
@ τ = 100 sec
Warm-up time @ +25°C
5
min
Time to lock
1 PPS output
Signal waveform
LVCMOS
Load RL
15
pF
1 PPS reference input
Option 1 (External synchronisation)
Signal waveform
LVCMOS
Input impedance
>10 kOhm / 4 pF
Lock Detect
2.5
0
3.3
0.5
V
V
Locked
Not locked
Supply voltage VS
3.2
3.3
3.5
V
Power consumption (steady state)
4.0
6.0
W
Power consumption (warm-up)
1.5
1.8
W
Operating temperature range
-40
+70
°C
Enclosure (see drawing) (WxDxH)
45.0x36.0x14.5
mm
Drawing number
AXZ10.01122.01
Weight
43
50
g
MTBF
100,000
hrs
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Please consult factory for programming manual
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Storage Temperature
-55
+85
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com