Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36LLR8760TT Datasheet(PDF) 4 Page - STMicroelectronics

Part # M36LLR8760TT
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760TT Datasheet(HTML) 4 Page - STMicroelectronics

  M36LLR8760TT Datasheet HTML 1Page - STMicroelectronics M36LLR8760TT Datasheet HTML 2Page - STMicroelectronics M36LLR8760TT Datasheet HTML 3Page - STMicroelectronics M36LLR8760TT Datasheet HTML 4Page - STMicroelectronics M36LLR8760TT Datasheet HTML 5Page - STMicroelectronics M36LLR8760TT Datasheet HTML 6Page - STMicroelectronics M36LLR8760TT Datasheet HTML 7Page - STMicroelectronics M36LLR8760TT Datasheet HTML 8Page - STMicroelectronics M36LLR8760TT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
4/19
SUMMARY DESCRIPTION
The
M36LLR8760T1,
M36LLR8760D1,
M36LLR8760M1 and M36LLR8760B1 combine
three memory devices in a Multi-Chip Package:
■
a 256-Mbit, Multiple Bank Flash memory, the
M30L0R8000(T/B)0 (Flash 1)
■
a 128-Mbit, Multiple Bank Flash memory, the
M58LR128GT/B (Flash 2)
■
a 64-Mbit PseudoSRAM, the M69KB096AA.
For detailed information on how to use the memo-
ry components, refer to the M30L0R8000(T/B)0,
M58LR128GT/B and M69KB096AA datasheets
which are available from your local STMicroelec-
tronics distributor and should be read in conjunc-
tion with the M36LLR8760x1 datasheet.
What
differs
between
the
M36LLR8760T1,
M36LLR8760D1 and M36LLR8760B1 is the con-
figuration of the two Flash memories:
■
in the M36LLR8760T1, Flash 1 and Flash 2
both have a Top Configuration (Parameter
Blocks located at the top of the address
space).
■
in the M36LLR8760D1, Flash 1 has a Bottom
Configuration (Parameter Blocks at the
bottom of the address space) and Flash 2 has
a Top Configuration.
■
In the M36LLR8760M1, Flash 1 has a Top
Configuration and Flash 2 has a Bottom
Configuration.
■
In the M36LLR8760B1, both Flash 1 and
Flash 2 have a Bottom Configuration.
Recommended operating conditions do not allow
more than one memory to be active at the same
time.
The memories are offered in a Stacked LFBGA88
(8 x 10mm, 8x10 ball array, 0.8mm pitch) pack-
age.
In addition to the standard version, the package is
also available in Lead-free version, in compliance
with JEDEC Std J-STD-020B, the ST ECOPACK
7191395 Specification, and the RoHS (Restriction
of Hazardous Substances) directive. All packages
are compliant with Lead-free soldering processes.
The memory is supplied with all the bits erased
(set to ‘1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com