Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2304 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2304
Description  3MHz, 1A STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2304 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2304 Datasheet HTML 1Page - Diodes Incorporated PAM2304 Datasheet HTML 2Page - Diodes Incorporated PAM2304 Datasheet HTML 3Page - Diodes Incorporated PAM2304 Datasheet HTML 4Page - Diodes Incorporated PAM2304 Datasheet HTML 5Page - Diodes Incorporated PAM2304 Datasheet HTML 6Page - Diodes Incorporated PAM2304 Datasheet HTML 7Page - Diodes Incorporated PAM2304 Datasheet HTML 8Page - Diodes Incorporated PAM2304 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM2304
Document number: DS36386 Rev. 2 - 2
2 of 12
www.diodes.com
June 2014
© Diodes Incorporated
PAM2304
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin
Name
Function
TSOT25
U-DFN2020-6
EN
1
4
Enable Control Input. Force this pin voltage above 1.5V, enables the chip, and below
0.3V shuts down the device.
GND
2
6
Ground.
SW
3
1
The drains of the internalmain and synchronous power MOSFET.
VIN
4
5
Chip main power supply pin.
FB
5
3
Feedback voltage to internal error amplifier, the threshold voltage is 0.6V.
AGND
—
—
Analog Ground.
PGND
—
—
Main power ground return pin.
NC
—
2
Not connected.
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Input Voltage
-0.3 to +6.0
V
EN, FB Pin Voltage
-0.3 to VIN
V
SW Pin Voltage
-0.3 to (VIN +0.3)
V
Junction Temperature
150
°C
Storage Temperature Range
-65 to +150
°C
Soldering Temperature
300, 5 sec
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com