Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2307 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2307
Description  3A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2307 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2307 Datasheet HTML 1Page - Diodes Incorporated PAM2307 Datasheet HTML 2Page - Diodes Incorporated PAM2307 Datasheet HTML 3Page - Diodes Incorporated PAM2307 Datasheet HTML 4Page - Diodes Incorporated PAM2307 Datasheet HTML 5Page - Diodes Incorporated PAM2307 Datasheet HTML 6Page - Diodes Incorporated PAM2307 Datasheet HTML 7Page - Diodes Incorporated PAM2307 Datasheet HTML 8Page - Diodes Incorporated PAM2307 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PAM2307
Document number: DSxxxxx Rev. 2 - 1
1 of 14
www.diodes.com
September 2012
© Diodes Incorporated
PAM2307
A Product Line of
Diodes Incorporated
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Description
The PAM2307 is a 3A step-down DC-DC converter. At heavy load,
the constant-frequency PWM control performs excellent stability and
transient response. No external compensation components are
required.
The PAM2307 supports a range of input voltages from 2.7V to 5.5V,
allowing the use of a single Li+/Li-polymer cell, multiple Alkaline/
NiMH cell,and other standard power sources. The output voltage is
adjustable from 0.6V to the input voltage. The PAM2307 employs
internal power switch and synchronous rectifier to minimize external
part count and realize high efficiency. During shutdown, the input is
disconnected from the output and the shutdown current is less than
1µA. Other key features include over-temperature and short circuit
protection, and under-voltage lockout to prevent deep battery
discharge.
The PAM2307 delivers 3A maximum output current while consuming
only 42µA of no-load quiescent current. Ultra-low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make the PAM2307 an
ideal choice for high output voltage, high current applications which
require a low dropout threshold.
The PAM2307 is available in QFN3x3 16-Pin and SOP-8(EP)
package.
Features
•
Output Current: Up to 3A
•
Output Voltage: 0.6V to VIN
•
Input Voltage: 2.7 to 5.5V
•
Efficiency up to 95%
•
42µA (Typ) No Load Quiescent Current
•
Shutdown Current: <1µA
•
100% Duty Cycle Operation
•
1.5MHz Switching Frequency
•
Internal Soft Start
•
No external Compensation Required
•
Current Limit Protection
•
Thermal Shutdown
•
QFN3x3 16-Pin and SOP-8(EP) Package
Pin Assignments
Applications
•
5V or 3.3V Point of Load Conversion
•
Telecom/Networking Equipment
•
Set Top Boxes
•
Storage Equipment
•
Video Cards
•
DDR Power Supply


Similar Part No. - PAM2307

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
3A Low Noise Step-Down DC-DC Converter
More results

Similar Description - PAM2307

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Power Analog Micoelectr...
PAM2303 PAM-PAM2303 Datasheet
336Kb / 13P
3A Low Noise Step-Down DC-DC Converter
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
3A Low Noise Step-Down DC-DC Converter
PAM2310 PAM-PAM2310 Datasheet
312Kb / 11P
2A Low Noise Step-Down DC-DC Converter
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
3A Low Noise Step-Down DC-DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2310 DIODES-PAM2310_V01 Datasheet
571Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com