Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2320 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2320
Description  3A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2320 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2320 Datasheet HTML 1Page - Diodes Incorporated PAM2320 Datasheet HTML 2Page - Diodes Incorporated PAM2320 Datasheet HTML 3Page - Diodes Incorporated PAM2320 Datasheet HTML 4Page - Diodes Incorporated PAM2320 Datasheet HTML 5Page - Diodes Incorporated PAM2320 Datasheet HTML 6Page - Diodes Incorporated PAM2320 Datasheet HTML 7Page - Diodes Incorporated PAM2320 Datasheet HTML 8Page - Diodes Incorporated PAM2320 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM2320
Document number: DSxxxxx Rev. 1 - 0
2 of 12
www.diodes.com
October 2012
© Diodes Incorporated
PAM2320
A Product Line of
Diodes Incorporated
Typical Applications Circuit
V
2
R
1
R
1
6
.
0
O
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
×
=
Pin Descriptions
Pin
Number
PSOP-8
Pin Name
Function
1
NC
Not Connected.
2
VIN
Bias supply. Chip main power supply pin.
3
SW
The drains of the internal main and synchronous power MOSFET.
4
GND
Ground
5
FB
Feedback voltage to internal error amplifier, the threshold voltage is 0.6V.
6
NC
Not Connected.
7
EN
Enable control input. Force this pin voltage above 1.5V, enables the chip, and below 0.3V shuts down
the device.
8
NC
Not Connected.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com