Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2322AGEAR Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2322AGEAR
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2322AGEAR Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2322AGEAR Datasheet HTML 1Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 2Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 3Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 4Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 5Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 6Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 7Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 8Page - Diodes Incorporated PAM2322AGEAR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PAM2322AGEAR
Document Number: DS36234 Rev. 2 - 2
2 of 13
www.diodes.com
September 2014
© Diodes Incorporated
PAM2322AGEAR
A Product Line of
Diodes Incorporated
Typical Applications Circuit
PAM2322
VIN
EN2
EN1
SW1
PG1
OUT1
SW2
GND
OUT2
FB2
CIN
10uF
CIN
10uF
Rfb_up
205k
Ω
Rfb_dn
200k
Ω
COUT2
10uF
COUT1
10uF
COUT2
10uF
L1
1.5µH
L2
1.0µH
VIN
3.3V
VOUT1
1.8V
VOUT2
1.22V
PG1
EN1
EN2
Pin Descriptions
W-FLGA2520-17
Name
Function
1, 15
SW2
Switch PIN for Output 2, PIN 1 and 15 can be connected on the PCB
2, 9, 16, 17
GND
Ground pin, PIN 2, 9, 16, 17 can be connected on the PCB
3
OUT2
Output sense pin of Output 2
4
FB2
Feedback pin for Output 2, the reference is set internally to 0.6V
5
EN2
Enable for Output 2. Pull high to enable channel 2. Pull low to disable
6
PG1
Output 1 power good indicator pin, open drain output
7
EN1
Enable for Output 1. Pull high to enable channel 1. Pull low to disable
8
OUT1
Output pin of Output 1, Channel one is internally fixed to 1.8V
10
SW1
Switch Pin for Output 1
11, 12, 13, 14
VIN
Input voltage pin. PIN 11, 12, 13, 14 can be connected on the PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com