Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWFP17-16/18 Datasheet(PDF) 6 Page - IXYS Corporation

Part # DWFP17-16/18
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWFP17-16/18 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button DWFP17-16/18 Datasheet HTML 2Page - IXYS Corporation DWFP17-16/18 Datasheet HTML 3Page - IXYS Corporation DWFP17-16/18 Datasheet HTML 4Page - IXYS Corporation DWFP17-16/18 Datasheet HTML 5Page - IXYS Corporation DWFP17-16/18 Datasheet HTML 6Page - IXYS Corporation DWFP17-16/18 Datasheet HTML 7Page - IXYS Corporation DWFP17-16/18 Datasheet HTML 8Page - IXYS Corporation DWFP17-16/18 Datasheet HTML 9Page - IXYS Corporation DWFP17-16/18 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
18
© 2004 IXYS All rights reserved
Rectifier Diodes
Type
VRRM
TVJM
RthJC 1
@IF
typ.
V°C
K/W
AA/µs
DWN 5
800 -
0.7
150
12
2.80
1.14
1.14
7
140
tbd
tbd
tbd
DWP 5
1200
0.7
12
2.80
1.14
1.14
7
140
tbd
tbd
tbd
DWN 2
1200 -
0.7
12
2.80
1.14
1.14
7
150
tbd
tbd
tbd
DWN 9
1800
1.0
20
1.80
1.28
1.28
30
300
tbd
tbd
tbd
DWN 17
1.5
31
1.10
1.34
1.34
50
320
tbd
tbd
tbd
DWP 17
1.5
31
1.10
1.37
1.37
50
320
tbd
tbd
tbd
DWN 21
3.0
42
0.90
1.33
1.33
80
500
tbd
tbd
tbd
DWP 21
3.0
41
0.90
1.35
1.35
80
500
tbd
tbd
tbd
DWN 35
1.5
59
0.65
1.24
1.24
80
630
11
50
0.64
DWP 35
1.5
58
0.65
1.25
1.25
80
630
11
50
0.64
DWN 50
2.0
78
0.50
1.31
1.31
150
900
12
50
1
DWP 50
2.0
76
0.50
1.33
1.33
150
900
12
50
1
DWN 75
2.0
115
0.33
1.26
1.26
200
1500
24
50
3
DWP 75
2.0
118
0.35
1.27
1.27
200
1500
24
50
3
DWN 110
3.5
253
0.16
1.18
1.18
300
3200
45
50
6
DWP 110
3.5
253
0.16
1.18
1.18
300
3200
45
50
6
DWN 340
15.0
416
0.10
1.09
1.09
300
5900
235
30
50
DWN 108
1600 -
3.5
253
0.16
1.18
1.18
300
3200
45
50
6
DWN 347
2200
3.5
788
0.05
1.10
1.10
600
10500
45
40
50
1 Mounted on DCB
@-di/dt
IR
VRRM
TVJ M
typ. mA
A
IF(AV)M
VF
IFSM
Reverse Recovery
@IF
25°C
125°C
IRM
25°C; VR = 100 V
A
TC = 100°C
AV
V
A
rect. d = 0.5
TVJ =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com