Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5404DC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5404DC
Description  Specification Comparison
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5404DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5404DC Datasheet HTML 1Page - Vishay Siliconix SI5404DC Datasheet HTML 2Page - Vishay Siliconix SI5404DC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPICE Device Model Si5404BDC
Vishay Siliconix
www.vishay.com
Document Number: 73127
2
08-Sep-04
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.1
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
100
A
VGS = 4.5 V, ID = 5.4 A
0.022
0.022
Drain-Source On-State Resistance
a
rDS(on)
VGS = 2.5 V, ID = 2.6 A
0.030
0.031
Ω
Forward Transconductance
a
gfs
VDS = 10 V, ID = 5.4 A
45
26
S
Forward Voltage
a
VSD
IS = 1.1 A, VGS = 0 V
0.78
0.70
V
Dynamic
b
Total Gate Charge
Qg
6.8
7
Gate-Source Charge
Qgs
1.7
1.7
Gate-Drain Charge
Qgd
VDS = 10 V, VGS = 4.5 V, ID = 5.4 A
2
2
nC
Notes
a.
Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com