Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXLE195B Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE195B
Description  SMD (VC)TCXO in 18.8x12.2 mm low profile package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE195B Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE195B Datasheet HTML 1Page - Advanced XTAL Products AXLE195B Datasheet HTML 2Page - Advanced XTAL Products AXLE195B Datasheet HTML 3Page - Advanced XTAL Products AXLE195B Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXLE195B Rev.1
 
ww.axtal.com 
Roemerring 9 
Drawing D0 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
Page 1(4) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXLE195B 
Rev.: 1 
Date: 2018‐09‐05 
Oscillator type:  SMD (VC)TCXO in 18.8x12.2 mm low profile package 
 
Parameter 
min. 
typ. 
max.  Unit 
Condition 
Frequency range 
6
190
190 
800 
MHz
MHz 
MHz 
Clipped Sine wave
Sine wave 
HCMOS 
Frequency stability 
ppm
 
vs. operating temperature range 
±0.5 to ±5
See tables 1 & 2 
ppm
Option 4 & 5 
vs. supply voltage variation 
±0.1
±0.3
ppm
VS ±5 % 
vs. load change 
±0.2
ppm
Load ±10 % 
      Long term (aging) per year 
±1
ppm
@+40°C 
Frequency adjustment range 
Mechanical (internal trimmer) 
±3
ppm
Option 1 = blank 
Electronic Frequency Control (EFC) 
±5
ppm
Option 1 = “V” 
      EFC voltage  VC 
0.15
0.5 
1.65
2.5 
3.15
4.5 
V
Option 2 = “3” 
Option 2 = “5” 
      EFC slope (f / VC
Positive
 
      EFC input impedance 
100
kΩ 
RF output 
Signal waveform 
 
Clipped Sine wave
Sine wave 
HCMOS 
Option 3 = “C” 
Option 3 = “S” 
Option 3 = “H” 
Load 
10 kΩ || 10 pF
50 Ω 
15 pF 
Option 3 = “C” 
Option 3 = “S” 
Option 3 = “H” 
      Amplitude 
0.8
1.0 
  
V p‐p
V p‐p 
Option 3 = “C” / 3.3 V
Option 3 = “C” / 5.0 V 
 
+10 
 
dBm 
dBm 
Option 3 = “S” / 3.3 V 
Option 3 = “S” / 5.0 V 
According to relevant Logic Standard
Option 3 = “H” 
Supply voltage VS 
3.15
4.75 
3.3
5.0 
3.45
5.25 
V
Option 2 = “3” 
Option 2 = “5” 
Current consumption 
(Note 2) 
2 ~ 30
12 ~ 100 
15 ~ 100 
mA
mA 
mA 
Option 3 = “C” 
Option 3 = “S” 
Option 3 = “H” 
Enclosure (see drawing) (LxWxH) 
 
18.8x12.2x2.8 max.
mm
Similar to  
IEC 61837  CO 30 
Weight 
3
g
 
Packing 
Tape & Reel
IEC 60286‐3 
Notes: 
1.
Terminology and test conditions are according to IEC60679‐1 and MIL‐PRF‐55310, unless otherwise stated 
2.
Depending on frequency and supply voltage 
3.
All combinations of options might not be available. Please consult factory 
 
 
 
 
 
 
 


Similar Part No. - AXLE195B

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE195 AXTAL-AXLE195 Datasheet
103Kb / 4P
SMD (VC)TCXO in 19.8x12.5 mm package
AXLE195A AXTAL-AXLE195A Datasheet
114Kb / 3P
SMD (VC)TCXO in 19.8x12.5 mm package
2014-09-12
More results

Similar Description - AXLE195B

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
VC-TXO-23SM ECS-VC-TXO-23SM Datasheet
192Kb / 2P
SMD VC-TCXO
logo
Advanced XTAL Products
AXLE113A AXTAL-AXLE113A Datasheet
106Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm package
2014-04-06
AXLE114 AXTAL-AXLE114 Datasheet
108Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm gull wing package
2014-04-06
AXLE145 AXTAL-AXLE145 Datasheet
147Kb / 4P
SMD (VC)TCXO in CO 26 or CO27 package
AXLE184B AXTAL-AXLE184B Datasheet
119Kb / 4P
SMD (VC)TCXO in gull wing package
AXLE195 AXTAL-AXLE195 Datasheet
103Kb / 4P
SMD (VC)TCXO in 19.8x12.5 mm package
AXLE195A AXTAL-AXLE195A Datasheet
114Kb / 3P
SMD (VC)TCXO in 19.8x12.5 mm package
2014-09-12
AXLE207M AXTAL-AXLE207M Datasheet
113Kb / 4P
(VC)TCXO in DIL14 package
2014-04-06
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050B AXTAL-AXLE7050B Datasheet
158Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com