Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD102 Datasheet(PDF) 1 Page - Analog Devices

Part # AD102
Description  General Purpose Input Isolation Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD102 Datasheet(HTML) 1 Page - Analog Devices

  AD102 Datasheet HTML 1Page - Analog Devices AD102 Datasheet HTML 2Page - Analog Devices AD102 Datasheet HTML 3Page - Analog Devices AD102 Datasheet HTML 4Page - Analog Devices AD102 Datasheet HTML 5Page - Analog Devices AD102 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
General Purpose
Input Isolation Amplifier
AD102/AD104
FEATURES
Integral Isolated Power Supply
500 V rms CMV Isolation Rating (100% Tested)
High Accuracy:
0.05% Max Nonlinearity
Small SIP Style Footprint
Lowest Priced Isolation Amplifiers
APPLICATIONS
Single/Multichannel Data Acquisition Systems
Process Control Input Signal Isolation
Motor Control
Utility Power Monitoring
General Input Protection Circuits
Ground Loop Interruption
GENERAL DESCRIPTION
The AD102 and AD104 are general purpose, two-port, isolation
amplifiers suitable for use where input signal isolation is desired.
Each offers a functionally complete, compact isolation solution
rated at 500 V rms common mode, based upon the proven and
reliable transformer-coupled, galvanic isolation technique used
in all AD200 series isolation amplifier products.
Each model is offered in a minimum footprint package requiring
no external components to operate. Though similar to the
AD202 and AD204, the AD102 and AD104 models are in-
tended as lower cost solutions where the performance of the
AD202 or AD204 is not demanded.
Both the AD102 and AD104 can be used in applications where
input-to-input and/or input-to-system isolation is desired. The
AD102 is best suited for single input uses as it requires only
+15 V dc power to operate. It may also be appropriate for
multichannel applications when input-to-input isolation is not
required such as where a single input multiplexer selects a spe-
cific channel prior to isolation.
For applications where input to input isolation is required, the
AD104 may be a more desirable choice. It offers the lowest cost
per channel especially when powered from a common clock
source, the cost of which may be amortized over many channels.
The clock necessary for AD104 operation is a 25 kHz, 15 V p-p
square wave applied to the clock input pin. Most standard oscil-
lator components like a CD4047 or TL555 may be used, or a
designer may choose the AD246 clock driver developed for the
AD204 product.
PRODUCT HIGHLIGHTS
Complete, Single Device Solution for Input Isolation
The AD102 offers full isolation without external parts or need
for an external dc/dc power source. The AD104 features the
same functionality at a lower price for multichannel uses when
supplied with a 25 kHz clock signal.
High Accuracy
A maximum nonlinearity of 0.05% is specified for both the
AD102 and AD104 over the rated temperature range.
Wide Bandwidth
Each is specified with a full power (–3 dB) bandwidth. The
AD104 at 4 kHz and the AD102 at 1.5 kHz.
High Performance Common-Mode Rejection
While providing continuous 500 V rms isolation, greater than
100 dB rejection is provided. Each part has only 5.5 pF (typical)
of common-mode input capacitance.
Uncommitted Input Stage
Both models offer an uncommitted op amp input stage for user
flexibility and input gain optimization up to 100 V/V.
Low Power Consumption
The AD104 consumes only 35 mW from the clock source, the
AD102 only 75 mW from the +15 V dc supply.
±5V
FS
SIGNAL
ICOM
PWR/CLK
COM
25kHz
POWER
DEMOD
AMPLIFIER
AND
MODULATOR
POWER
RECTIFIER
OSCILLATOR
FILTER
AD102
OUT H I
OUT LO
+15V DC
IN+
IN–
FB 3
6
5
4
9
1
7
2


Similar Part No. - AD102

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AD102 MICROSEMI-AD102 Datasheet
127Kb / 3P
SCRs 1.5 Amp, Planar
logo
New Jersey Semi-Conduct...
AD102 NJSEMI-AD102 Datasheet
156Kb / 2P
1.6 Amp, Planar
logo
MicroPower Direct, LLC
AD1020-05F MPD-AD1020-05F Datasheet
292Kb / 2P
Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
logo
Analog Devices
AD10200 AD-AD10200 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
AD10200 AD-AD10200 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
More results

Similar Description - AD102

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
logo
Analog Devices
AD102 AD-AD102_15 Datasheet
100Kb / 6P
General Purpose Input Isolation Amplifier
REV. A
AD104 AD-AD104_15 Datasheet
100Kb / 6P
General Purpose Input Isolation Amplifier
REV. A
logo
Texas Instruments
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
General-Purpose I2S Input Class-D Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com