Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA2016AS Datasheet(PDF) 1 Page - Epson Company

Part # FA2016AS
Description  MHz RANGE CRYSTAL UNIT Built-in thermistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

FA2016AS Datasheet(HTML) 1 Page - Epson Company

  FA2016AS Datasheet HTML 1Page - Epson Company FA2016AS Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Specifications (characteristics)
Item
Symbol
Specifications
Conditions / Remarks
Nominal frequency range
f_nom
26.000 MHz to 54.000 MHz
Fundamental
Please contact us about available frequencies.
Storage temperature range
T_stg
-40
°C to +125 °C
Storage as single product.
Operating temperature range
T_use
-40
°C to +85 °C
Level of drive
DL
100
µW Max.
Recommended: 1 to 100
µW
Frequency tolerance
f_tol
±10 × 10-6 *1
Please contact us about reference temperature.
Please contact us for inquiries.
Frequency versus
temperature characteristics
f_tem
±12 × 10-6 *1
-30
°C to +85 °C
Please contact us for inquiries.
Load capacitance
CL
6 pF to
Please specify.
Motional resistance (ESR)
R1
As per table below
-30
°C to +85 °C
Frequency aging
f_age
±1 × 10-6 / year Max.
+25
°C, First year
Thermistor resistance
Please contact us about specifications.
Thermistor B constant
*1 Please contact us for available frequency tolerances as they are dependent upon the nominal frequency.
Motional resistance (ESR)
Frequency
Motional resistance
26.0 MHz
≤ f_nom ≤ 54.0 MHz
60
Ω Max.
Product name
FA2016AS
26.000000MHz
7.0
+10.0-10.0
(Standard form)
Model
Frequency
Load capacitance(pF)
Frequency tolerance(
× 10
-6, +25 °C)
In addition to the above mentioned specification item, please specify frequency temperature characteristics
and operating temperature range in case of inquiry.
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
MHz RANGE CRYSTAL UNIT
Built-in thermistor
FA2016AS
•Nominal frequency range
:
26 MHz to 54 MHz
•External dimensions
:
2.0 × 1.6 × 0.65 mm
•Overtone order
:
Fundamental
•Applications
:
Mobile phone, Bluetooth, W-LAN
:
ISM band radio, Clock for MPU
GPS, Smart phone
Product Number (please contact us)
FA2016AS: X1E000371xxxx18
Pin map
Pin
connection
1
Crystal
2
GND,
thermistor
3
Crystal
4
thermistor
2.0±0.1
192 TP
O E1Y97
#1
#2
#3
#4
R 0.135
#1
#4
#2
#3
0.65
2.2
0.75
0.75
1.8
0.43
0.46
#1
#4
#2
#3
Internal connection
(TOP VIEW)


Similar Part No. - FA2016AS

ManufacturerPart #DatasheetDescription
logo
Epson Company
FA2016AA EPSON-FA2016AA Datasheet
371Kb / 2P
MHz RANGE CRYSTAL UNIT
FA2016AN EPSON-FA2016AN Datasheet
481Kb / 2P
MHz RANGE CRYSTAL UNIT
More results

Similar Description - FA2016AS

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-23A EPSONTOYOCOM-FA-23A Datasheet
409Kb / 2P
MHz RANGE CRYSTAL UNIT
logo
List of Unclassifed Man...
Q22FA1280008912 ETC2-Q22FA1280008912 Datasheet
236Kb / 3P
MHz Range Crystal unit
Q22FA1280014012 ETC2-Q22FA1280014012 Datasheet
236Kb / 3P
MHz Range Crystal unit
X1E000351001712 ETC2-X1E000351001712 Datasheet
235Kb / 3P
MHz Range Crystal unit
X1E000351002412 ETC2-X1E000351002412 Datasheet
235Kb / 3P
MHz Range Crystal unit
X1E000351002712 ETC2-X1E000351002712 Datasheet
235Kb / 3P
MHz Range Crystal unit
X1E000351002912 ETC2-X1E000351002912 Datasheet
235Kb / 3P
MHz Range Crystal unit
logo
Epson Company
FA-20HS EPSON-FA-20HS Datasheet
606Kb / 2P
MHz RANGE CRYSTAL UNIT Built-in thermistor
FA-128S EPSON-FA-128S Datasheet
642Kb / 2P
MHz RANGE CRYSTAL UNIT Built-in thermistor
FA1612AS EPSON-FA1612AS Datasheet
411Kb / 2P
MHz RANGE CRYSTAL UNIT Built-in thermistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com