Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBLC6-2P6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USBLC6-2P6
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2P6 Datasheet(HTML) 1 Page - STMicroelectronics

  USBLC6-2P6 Datasheet HTML 1Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 2Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
1/11
USBLC6-2
VERY LOW CAPACITANCE
ESD PROTECTION
REV. 2
SOT23-6L
USBLC6-2SC6
SOT-666
USBLC6-2P6
June 2005
MAIN APPLICATIONS
USB2.0 ports at 480Mbps (high speed) and
USB OTG ports
Backwards Compatible with USB1.1 Low and
full speed
Ethernet port: 10/100Mb/s
SIM card protection
Video line protection
Portable and mobile electronics
DESCRIPTION
The USBLC6-2P6 and USBLC6-2SC6 are two
monolithic Application Specific Devices dedicated
to ESD protection of high speed interfaces such as
USB2.0, Ethernet links and Video lines.
The very low line capacitance secures a high level
of
signal
integrity
without
compromising
in
protection sensitive
chips against the most
stringent characterized ESD strikes.
FEATURES
2 data lines protection
Protects VBUS
Very low capacitance: 3.5pF max
Very low leakage current: 1µA max
SOT-666 and SOT23-6L packages
RoHS compliant
BENEFITS
Very low capacitance between lines to GND for
optimized data integrity and speed
Ultra low PCB space consuming: 2.9mm² max
for SOT-666 package and 9mm² max for
SOT23-6L package
Enhanced ESD protection: IEC61000-4-2 level
4 compliance guaranteed at device level,
hence greater immunity at system level
ESD protection of VBUS. Allows ESD current
flowing to Ground when ESD event occurs on
data line
High reliability offered by monolithic integration
Very low leakage current for longer operation
of battery powered devices
Fast response time
Consistant D+/D- signal balance
- Best capacitance matching tolerance I/O to
GND of 0.04pF
- Compliance with USB2.0 requirement (<1pF)
Table 1: Order Codes
Part Number
Marking
USBLC6-2SC6
UL26
USBLC6-2P6
F
Figure 1: Functional Diagram
1
1
6
2
5
3
4
I/O1
I/O1
GND
VBUS
I/O2
I/O2
COMPLIES WITH THE FOLLOWING STANDARDS:
IEC61000-4-2 level 4:
15kV (air discharge)
8kV
(contact discharge)
ASD
(Application Specific Devices)


Similar Part No. - USBLC6-2P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-2P6 STMICROELECTRONICS-USBLC6-2P6 Datasheet
234Kb / 14P
Very low capacitance ESD protection
20-Mar-2008
logo
TECH PUBLIC Electronics...
USBLC6-2P6 TECHPUBLIC-USBLC6-2P6 Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
More results

Similar Description - USBLC6-2P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
VERY LOW CAPACITANCE ESD PROTECTION
28-Feb-2005
USBLC6-2 STMICROELECTRONICS-USBLC6-2_08 Datasheet
234Kb / 14P
Very low capacitance ESD protection
20-Mar-2008
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
Very low capacitance ESD protection
04-Feb-2008
USBLC6-2SC6Y STMICROELECTRONICS-USBLC6-2SC6Y Datasheet
224Kb / 14P
Very low capacitance ESD protection
24-Oct-2011
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
Very Low Capacitance ESD Protection
PE1605M2AQ PANJIT-PE1605M2AQ Datasheet
447Kb / 5P
Very Low Capacitance Esd Protection
May 4,2021 PE1605M2AQ-REV.02
PEC2305C4E5 PANJIT-PEC2305C4E5 Datasheet
228Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C4E5-REV.01
PEC2305M1Q PANJIT-PEC2305M1Q Datasheet
312Kb / 5P
VERY LOW CAPACITANCE ESD Protection
April 11,2019-REV.00
PEC2605C1ES PANJIT-PEC2605C1ES Datasheet
162Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
May 29,2018-REV.00
PEC2605C2E PANJIT-PEC2605C2E Datasheet
224Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2605C2E-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com