Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8130-CS Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS8130-CS Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CS8130-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8130-CS Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Reset
Bringing the RESET pin low will force the inter-
nal logic, including the control registers, into a
known state, provided the PWRDN pin is high.
RESET is disabled if the PWRDN pin is low.
The reset state is given in each register definition
table. RESET must be low for >25 ms if using
the crystal oscillator (see Clock Generation
above).
Control Register Definitions
The various control registers within the CS8130
may be written by setting the D/C pin to low,
and sending characters from the UART to the
TXD pin. The characters are interpreted as a 4-
bit address field and a 4-bit data field, as shown
in Figure 7. After the control character is re-
ceived and written into the control register, it is
optionally echoed back out the RXD pin. The
baud rate used for this control mode is whatever
is currently set in the baud rate register. If the
"load baud rate" bit is written to, then the new
baud rate takes effect after the character has been
echoed back, if echo is enabled. Otherwise, the
new baud rate is effective immediately.
One of the control registers contains a shadow
register set enable bit, which effectively becomes
the MSB of the 5-bit register address. Hence
there are 31 4-bit registers. The shadow bit must
be written to a 1 to allow access to the registers
with addresses 16 through 31. The shadow bit
register is always accessible, independent of the
state of the shadow bit. The shadow bit must be
written to 0 to enable access to registers 0
through 15.
The following tables define the detailed function
of all the registers inside the CS8130.
CD0
CD1
CD2
CD3
AD0
AD1
AD2
AD3
CD0
CD1
CD2
CD3
AD0
AD1
AD2
AD3
Start
Bit
Data
Address
Stop
Bit
Start
Bit
Data
Address
Stop
Bit
TXD
D/C
RXD
Figure 7. Control Mode Timing
CS8130
12
DS134PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com