Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISCNH20 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCNH20
Description  isc N-Channel MOSFET Transistor Die
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCNH20 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCNH20 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor Die
ISCNH20
DESCRIPTION
·Low On-Resistance
·Fast switching
·Minimum Lot-to-Lot variations for robust device performance and reliable operation
CHARACTERISTICS
Die Size
6704*6400
um2
Scribe Line Size
60
um
Wafer Diameter
6
inches
Thickness
250±20
um
Metal
Front
AlSiCu: 4um
Back
Ti/Ni//Ag:1.1um
Bond Area
Gate
320um*460um
Source
4800um*1506um*2
4800um*1500um
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID= 250uA
500
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID= 250uA
3
4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 14A
140
180
mΩ
IGSS
Gate-Source Leakage Current
VGS= ±30V; VDS= 0V
±100
nA
IDSS
Drain-Source Leakage Current
VDS= 500V; VGS= 0V
1
uA
VSD
Diode forward Voltage
IS= 14A, VGS = 0V
1.4
V
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55~150
℃


Similar Part No. - ISCNH20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCNH201W ISC-ISCNH201W Datasheet
281Kb / 2P
isc N-Channel MOSFET Transistor
ISCNH206P ISC-ISCNH206P Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - ISCNH20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com