Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV5658 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV5658
Description  Security and Surveillance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV5658 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV5658 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV5658 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
Security and Surveillance
Digital Video Camcorders (DVC)
Digital Still Cameras (DSC)
¬
¬
PC Multimedia
3D Cameras
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV05658-G04A
(color, chip probing, 200 µm backgrinding,
recontructed wafer with good die)
¬
OV05658-A66A
(color, lead-free, 66-pin CSP)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 2592 x 1944
power supply:
- core: 1.5V
- analog: 2.6 ~ 3.0V
- I/O: 1.7 ~ 3.0V
power requirements:
- active: 150 mA (325 mW)
- standby: 300 µA
- XSHUTDOWN: 2 µA
temperature range:
- operating: -30°C to +70°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output interfaces:
4-lane MIPI/LVDS serial
output formats: RAW RGB data
lens size: 1/3.2"
lens chief ray angle: 11° non-linear
¬
¬
¬
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
scan mode: progressive
maximum image transfer rate:
- 5MP (2592x1944): 30 fps
- EIS 1080p (2112x1188): 30 fps
- 1080p (1920x1080): 30 fps
- EIS 720p (1536x864): 30 fps
- 720p (1280x720): 60 fps
- VGA (640x480): 90 fps
sensitivity: 1200 mV/lux-sec
max S/N ratio: 37 dB
dynamic range: 73.7 dB @ 8x gain
pixel size: 1.75 µm x 1.75 µm
image area: 4592 µm x 3423 µm
package/die dimensions:
- CSP: 6360 µm x 5670 µm
- COB: 6350 µm x 5660 µm
Product Specifications
Version 1.5, October, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks
of OmniVision Technologies, Inc. CameraChip and OmniBSI+ are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV5658
1.75 µm x 1.75 µm pixel with OmniBSI+™
technology for high performance (high
sensitivity, low crosstalk, low noise)
support for image sizes:
- 5MP (2592x1944)
- EIS 1080p (2112x1188)
- 1080p (1920x1080)
- EIS 720p (1536x864)
- 720p (1280x720)
- VGA (640x480)
programmable controls for:
- frame rate
- mirror and flip
- cropping
- windowing
- scaling
image quality controls:
- defect pixel correction
- lens shading correction
- black level calibration
support for output formats:
- 10-bit RAW RGB
supports horizontal and
vertical subsampling
fast mode switching
supports 2x2 binning,
re-sampling filter
supports 3D applications
EIS 1080p scalar (allows scale down
to EIS 1080p or any size below)
standard serial SCCB interface
up to 4-lane MIPI/LVDS serial output
interface
embedded 64 bytes of one-time
programmable (OTP) memory for
part identification, etc.
two on-chip phase lock loop (PLL)
programmable I/O drive capability
built-in 1.5V regulator for core
supports alternate row HDR timing
OV5658
image sensor core
image sensor
processor
image output
interface
column
sample/hold
PLL
PLLs
MIPI interface
control register bank
SCCB interface
timing generator and
system control logic
gain control
MCP/N
MDP/N[3:0]
image
array
AMP
10-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com