Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS7000 Datasheet(PDF) 2 Page - TT Electronics.

Part # DS7000
Description  Universal Data Logger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS7000 Datasheet(HTML) 2 Page - TT Electronics.

  DS7000 Datasheet HTML 1Page - TT Electronics. DS7000 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Universal Data Logger
DS7000
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 2
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
Universal Inputs
Pt100: 2 or 3 wire C or F (BS EN 60751/JIS 1604)
Ni100, Ni120: 2 or 3 wire C or F
Cu10: 2 or 3 wire C or F
Thermocouples: J, K, T, R, S, B, N C or F
Thermistor: (various types) C or F
0-20mA: scaled in engineering units
±100mV: DC scaled in engineering units
0-1V DC: scaled in engineering units
0-10V DC: scaled in engineering units
Slidewire: scaled in engineering units (100ohm to 10kohm)
Resolutions
All universal inputs: 16-bit
Internal and external temperature: 12-bit
Internal and external RH: 8-bit
Counter Input
Used to start logging or as a counter
Maximum count: 65,535 per sample period
Maximum frequency: 32,768 Hz
Start Options
Programmable delay period: 10 min to 1 year
Start on external magnet swipe
Start on event trigger
Channel Indicators
8 green LEDs to indicate logging status, changing to red to indicate
alarm condition
Comms Indicators
1 yellow LED to indicate comms activity
Sample Rate
1 second to 24 hours for all channels
Display
Optional 3.5 digit LCD with channel indication and low battery warn-
ing
Communication Interface
USB isolated (5-pin mini USB connector)
Sample Method: Selectable
Point, Averaging, Maximum, Minimum



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com