Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5115UI-50TESSOP Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5115UI-50TESSOP
Description  32-Tap Digitally Programmable Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5115UI-50TESSOP Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5115UI-50TESSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT5115UI-50TESSOP Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT5115
5
Doc. No. 2117, Rev. E
VCC Range
2.5V
≤ VCC ≤ 5.5V
Input Pulse Levels
0.2VCC to 0.7VCC
Input Rise and Fall Times
10ns
Input Reference Levels
0.5VCC
AC CONDITIONS OF TEST
A. C. TIMING
(1) Typical values are for TA=25oC and nominal supply voltage.
(2) This parameter is periodically sampled and not 100% tested.
(3) MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
CS
INC
U
/D
RW
t
CI
t
CYC
t
IL
MI
(3)
90%
90%
10%
(store)
t
F
t
R
t
IW
tID
tDI
t
IH
t
CPH
t
IC
Symbol
Parameter
Min
Typ(1)
Max
Units
tCI
CS to INC Setup
100
——
ns
tDI
U/
D to INC Setup
50
——
ns
tID
U/
D to INC Hold
100
——
ns
tIL
INC LOW Period
250
——
ns
tIH
INC HIGH Period
250
——
ns
tIC
INC Inactive to CS Inactive
1
——
µs
tCPH
CS Deselect Time (NO STORE)
100
——
ns
tCPH
CS Deselect Time (STORE)
10
——
ms
tIW
INC to VOUT Change
—
15
µs
tCYC
INC Cycle Time
1
——
µs
tR, tF(2)
INC Input Rise and Fall Time
——
500
µs
tPU(2)
Power-up to Wiper Stable
——
1
msec
tWR
Store Cycle
—
510
ms
AC OPERATING CHARACTERISTICS:
VCC = +2.5V to +5.5V, VH = VCC, VL = 0V, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com