Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT507 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HT507
Description  HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HT507 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HT507 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT507 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT507 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT507 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HT506/507
Helping You Control Your World
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Voltages Referenced to V-, V+ ............................................................................................................................. +15V
Digital Inputs VS, VD ........................................................................................................................ -0.5 to VDD +0.5V
Current (any terminal) ......................................................................................................................................... 10 mA
Peak Current, S or D,
(Pulsed at 1 ms, 10% Duty Cycle Max) ............................................................................................................ 15mA
Storage Temperature .............................................................................................................................. -65 to +325
°C
Power Dissipation (Package) ........................................................................................................................... 500 mW
ESD Protection .................................................................................................................................................... 1000V
ABSOLUTE MAXIMUM RATINGS
HT506DC
D—Indicates package type
D = Standard DIP*
*For packaging information, call Honeywell
C—Indicates screening level
C = Commercial
B = High Temperature Class B
HT507DC
D—Indicates package type
D = Standard DIP*
*For packaging information, call Honeywell
C—Indicates screening level
C = Commercial
B = High Temperature Class B
ORDERING INFORMATION
28-LEAD PACKAGE
e
(pitch)
b
(width)
A
S1
b2
D
Q
L
E
1
S2
Right
Reading
on Lid
Kovar
Lid [3]
Ceramic
Body
eA
C
A
b
b2
C
D
E
e
eA
L
Q
S1
S2
0.175 (max)
0.018 ± 0.002
0.050 typ
0.010 ± 0.002
1.400 ± 0.014
0.594 ± 0.010
0.100 ±0.005
0.600 ± 0.010
0.125 to 0.175
0.050 ± 0.010
0.005 (min)
0.005 (min)
All dimensions in inches
900200 Rev. A
4-98



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com