Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV9285 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV9285
Description  Consumer HMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9285 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV9285 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9285 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cost-Effective, High-Resolution Global Shutter
Image Sensor for Machine Vision Applications
OmniVision's OV9285 is a global shutter image sensor
designed to cost-effectively enable a wide range of
consumer and industrial machine vision applications
such as AR/VR headsets and accessories, industrial
automation, robotics, agricultural drones and 3D
modeling. This high-resolution sensor can quickly
capture precise images of fast-moving or faraway
objects while consuming very little power, and has a
low chief ray angle (CRA) of 9 degrees to support wide
field-of-view lens designs.
Available in a 1/3.4 inch optical format, the OV9285
captures 1.48 megapixel or 1328 x 1120 resolution
images and video at 90 frames per second (fps) using
advanced 3 x 3 micron OmniPixel®3-GS pixel technology.
This global shutter technology eliminates motion
artifacts and blurring, and dramatically improves low-
light sensitivity. Additionally, the sensor's excellent
near infrared (NIR) sensitivity at 850 nm and 940 nm
helps reduce device power consumption to extend
battery life.
Find out more at www.ovt.com.
OV92851.5MPproductbrief
lead free
available in
a lead-free
package


Similar Part No. - OV9285

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9281 OMNIVISION-OV9281 Datasheet
683Kb / 2P
automatic black level calibration (ABLC)
OV9282 OMNIVISION-OV9282 Datasheet
683Kb / 2P
automatic black level calibration (ABLC)
OV9284 OMNIVISION-OV9284 Datasheet
625Kb / 2P
automatic black level calibration (ABLC)
More results

Similar Description - OV9285

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640832N SAMSUNG-K4S640832N Datasheet
542Kb / 15P
Consumer Memory
logo
Integrated Device Techn...
ACS522D01 IDT-ACS522D01 Datasheet
1Mb / 72P
PORTABLE CONSUMER CODEC
ACS32201 IDT-ACS32201 Datasheet
1Mb / 65P
PORTABLE CONSUMER DEVICE
ACS422MX68 IDT-ACS422MX68 Datasheet
1Mb / 87P
PORTABLE CONSUMER CODEC
ACS422X67 IDT-ACS422X67 Datasheet
1Mb / 87P
PORTABLE CONSUMER CODEC
ACS42200 IDT-ACS42200 Datasheet
1Mb / 89P
PORTABLE CONSUMER CODEC
logo
Fairchild Semiconductor
FDD1600N10ALZ FAIRCHILD-FDD1600N10ALZ Datasheet
1Mb / 10P
Consumer Appliances
logo
Silicon Laboratories
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
Consumer electronics
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
Consumer electronics
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
Consumer electronics
06.30.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com