Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1035CT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MBRF1035CT
Description  Dual Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBRF1035CT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MBRF1035CT Datasheet HTML 1Page - List of Unclassifed Manufacturers MBRF1035CT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBRF1035CT thru MBRF1060CT
Crownpo Technology
www.crownpo.com
01-Mar-04
Document No. 11048
0
50
100
150
2
4
6
8
10
12
0.1
1
10
100
25
50
75
125
150
175
0.01
0.1
1
10
100
0.1
10.0
0.1
1
10
100
100
1,000
4,000
100
100
1
0
0
20
40
60
80
100
0.001
0.01
0.1
1
10
20
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
50
Fig. 1 - Forward Current
Derating Curve
Fig. 3 - Typical Instantaneous
Forward Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Fig. 4 - Typical Reverse Characteristics
Fig. 6 - Typical Transient Thermal
Impedance
Case Temperature (
-C)
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
t, Pulse Duration (sec.)
Number of Cycles at 60 Hz
Resistive or Inductive Load
TJ = TJ max.
8.3ms single half sine-wave
(JEDEC method)
Pulse Width = 300
es
1% Duty Cycle
TJ = 150
-C
TJ = 25
-C
TJ = 25
-C
TJ = 125
-C
TJ = 75
-C
TJ = 25
-C
f = 1.0 MHz
Vsig = 50mVp-p
Ratings and
Characteristic Curves (TA = 25-C unless otherwise noted)
MBRF1035CT - MBRF1045CT
MBRF1050CT & MBRF1060CT
MBRF1035CT - MBRF1045CT
MBRF1050CT & MBRF1060CT
MBRF1035CT - MBRF1045CT
MBRF1050CT & MBRF1060CT
MBRF1035CT - MBRF1045CT
MBRF1050CT & MBRF1060CT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com