Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC08 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HC08
Description  Quad 2-Input AND Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC08 Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HC08 Datasheet HTML 1Page - ON Semiconductor MM74HC08 Datasheet HTML 2Page - ON Semiconductor MM74HC08 Datasheet HTML 3Page - ON Semiconductor MM74HC08 Datasheet HTML 4Page - ON Semiconductor MM74HC08 Datasheet HTML 5Page - ON Semiconductor MM74HC08 Datasheet HTML 6Page - ON Semiconductor MM74HC08 Datasheet HTML 7Page - ON Semiconductor MM74HC08 Datasheet HTML 8Page - ON Semiconductor MM74HC08 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC08 Rev. 1.4.0
February 2008
MM74HC08
Quad 2-Input AND Gate
Features
■ Typical propagation delay: 7ns (tPHL), 12ns (tPLH)
■ Fanout of 10 LS-TTL loads
■ Quiescent power consumption: 2µA maximum at
room temperature
■ Low input current: 1µA maximum
General Description
The MM74HC08 AND gates utilize advanced silicon-
gate CMOS technology to achieve operating speeds
similar to LS-TTL gates with the low power consumption
of standard CMOS integrated circuits. The HC08 has
buffered outputs, providing high noise immunity and the
ability to drive 10 LS-TTL loads. The 74HC logic family is
functionally as well as pin-out compatible with the stan-
dard 74LS logic family. All inputs are protected from
damage due to static discharge by internal diode clamps
to VCC and ground.
Ordering Information
Device also available in Tape and Reel except for N14A. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Connection Diagram
Top View
Order Number
Package
Number
Package Description
MM74HC08M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC08SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC08MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC08N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com