Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC32 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HC32
Description  Quad 2-Input OR Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC32 Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HC32 Datasheet HTML 1Page - ON Semiconductor MM74HC32 Datasheet HTML 2Page - ON Semiconductor MM74HC32 Datasheet HTML 3Page - ON Semiconductor MM74HC32 Datasheet HTML 4Page - ON Semiconductor MM74HC32 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.onsemi.com
2
Absolute Maximum Ratings(1)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1. Unless otherwise specified all voltages are referenced to ground.
2. Power Dissipation temperature derating — plastic “N” package: –12mW/°C from 65°C to 85°C.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications.
ON Semiconductor
does not recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5 to +7.0V
VIN
DC Input Voltage
–1.5 to VCC+1.5V
VOUT
DC Output Voltage
–0.5 to VCC+0.5V
IIK, IOK
Clamp Diode Current
±20mA
IOUT
DC Output Current, per pin
±25mA
ICC
DC VCC or GND Current, per pin
±50mA
TSTG
Storage Temperature Range
–65°C to +150°C
PD
Power Dissipation
Note 2
600mW
S.O. Package only
500mW
TL
Lead Temperature (Soldering 10 seconds)
260°C
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
2
6
V
VIN, VOUT
DC Input or Output Voltage
0
VCC
V
TA
Operating Temperature Range
–40
+85
°C
t r, tf
Input Rise or Fall Times
VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com