Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5265 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM5265
Description  80-DOT LCD DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5265 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM5265 Datasheet HTML 8Page - OKI electronic componets MSM5265 Datasheet HTML 9Page - OKI electronic componets MSM5265 Datasheet HTML 10Page - OKI electronic componets MSM5265 Datasheet HTML 11Page - OKI electronic componets MSM5265 Datasheet HTML 12Page - OKI electronic componets MSM5265 Datasheet HTML 13Page - OKI electronic componets MSM5265 Datasheet HTML 14Page - OKI electronic componets MSM5265 Datasheet HTML 15Page - OKI electronic componets MSM5265 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MSM5265
¡ Semiconductor
12/18
2) Single MSM5265 operation in the 1/2 duty dynamic display mode
APPLICATION CIRCUITS
1) Single MSM5265 operation in the static display mode
RCOM ≥ 1.5 kW, RCOM ≥ RLC
From
controller
SEG-TEST
BLANK
LOAD
DATA-IN
CLOCK
D/S
EXT/INT OSC-IN
OSC-OUT
SYNC
VLC2
COM-A
SEG 1
SEG 80
RCOM
x 2
LCD panel
80 x 2 segments (1/2 duty dynamic)
VLC2
R1
R0
C0
1 MW
100 kW
0.01 mF
OSC-OUT
VLC1
COM-B
VDD
RLC
RLC
VDD
22 kW
COM-A
COM-B
MSM5265
RCOM ≥ 1.5 kW
From
controller
SEG-TEST
BLANK
LOAD
DATA-IN
CLOCK
D/S
EXT/INT
OSC-IN
OSC-OUT
SYNC
VLC2
COM-A
SEG 1
SEG 80
COM
RCOM
LCD panel
80 segments (static)
R1
R0
C0
1 MW
100 kW
0.01 mF
OSC-OUT
MSM5265
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com