Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

  WM8983 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8983 Datasheet HTML 8Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
WM8983
Product Preview
w
PP Rev 1.1 August 2005
8
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=AVDD2=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Speaker Output (LOUT2, ROUT2 with 8
Ω
Ω
Ω
Ω bridge tied load, INVROUT2=1)
SPKBOOST=0
AVDD2/
3.3
Full scale output voltage, 0dB
gain. (Note 9)
SPKBOOST=1
(AVDD2/
3.3)*1.5
Vrms
Output Power
PO
Output power is very closely correlated with THD; see below
PO =200mW, RL = 8
Ω,
AVDD2=3.3V
0.04
-68
%
dB
PO =320mW, RL = 8
Ω,
AVDD2=3.3V
1.0
-40
%
dB
PO =500mW, RL = 8
Ω,
AVDD2=5V
0.02
-74
%
dB
Total Harmonic Distortion
THD
PO =860mW, RL = 8
Ω,
AVDD2=5V
1.0
-40
%
dB
AVDD2=3.3V,
RL = 8
Ω
90
dB
Signal to Noise Ratio
SNR
AVDD2=5V,
RL = 8
Ω
90
dB
RL = 8
Ω BTL
80
dB
Power Supply Rejection Ratio
(50Hz-22kHz)
PSRR
RL = 8
Ω BTL AVDD2=5V
(boost)
69
dB
AVDD2 = 5V
Other supplies disconnected
TBD
SPKVDD Leakage Current
AVDD2 = 5V
Other supplies = 0V
TBD
uA
OUT3/OUT4 outputs (with 10k
Ω
Ω
Ω
Ω / 50pF load)
OUT3BOOST=0/
OUT4BOOST=0
AVDD2/3.3
Vrms
Full-scale output voltage, 0dB
gain (Note 9)
OUT3BOOST=1/
OUT4BOOST=1
1.5 x
AVDD2/3.3
Vrms
Signal to Noise Ratio (Note 5,6)
SNR
A-weighted
98
dB
Signal to Noise Ratio
SNR
22Hz to 22kHz
97.5
dB
Total Harmonic Distortion
(Note 7)
THD
RL = 10 k
Ω
full-scale signal
-84
dB
Channel Separation (Note 8)
1kHz signal
80
100
dB
RL = 10k
Ω
52
dB
Power Supply Rejection Ratio
(50Hz-22kHz)
PSRR
RL = 10k
Ω, AVDD2=5V
56
dB
Microphone Bias
MBVSEL=0
0.9*AVDD1
V
Bias Voltage
VMICBIAS
MBVSEL=1
0.65*AVDD1
V
Bias Current Source
IMICBIAS
for VMICBIAS within +/-3%
3
mA
Output Noise Voltage
Vn
1kHz to 20kHz
15
nV/
√Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
×DBV
DD
V
Input LOW Level
VIL
0.3
×DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
×DBV
DD
V
Output LOW Level
VOL
IOH-1mA
0.1xDBVDD
V
Input capacitance
TBD
pF
Input leakage
TBD
pA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com