Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSSD20L45SW Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSSD20L45SW
Description  20A, 45V - 60V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSD20L45SW Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSSD20L45SW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSD20L45SW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSD20L45SW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSD20L45SW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSD20L45SW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSSD20L45SW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSSD20L45SW - TSSD20L60SW
Taiwan Semiconductor
5
Version:B1702
PACKAGE OUTLINE DIMENSIONS
TO-252 (D-PAK)
SUGGESTED PAD LAYOUT
MARKING DIAGRAM
DIM.
Unit (mm)
Unit (inch)
Min
Max
Min
Max
A
6.41
6.73
0.252
0.265
B
5.21
5.47
0.205
0.215
C
0.89
1.27
0.035
0.050
D
6.00
6.22
0.236
0.245
E
9.40
10.40
0.370
0.409
F
0.64
0.88
0.025
0.035
G
2.286(REF)
0.090
H
0.77
1.14
0.030
0.045
I
0.64
1.01
0.025
0.040
J
4.40
-
0.173
-
K
5.30
-
0.209
-
L
0.45
0.58
0.018
0.023
M
2.743(REF)
0.107
N
1.40
1.77
0.055
0.070
O
0.508(REF)
0.020
P
0.45
0.60
0.018
0.024
Q
2.20
2.38
0.087
0.094
Symbol
Unit (mm)
Unit (inch)
A
5.69
0.224
B
6.18
0.243
C
2.20
0.087
D
2.29
0.090
E
1.40
0.055
F
4.57
0.180
G
10.67
0.420
P/N
= Marking Code
YWW
= Date Code
F
= Factory Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com