Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950401 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS950401
Description  AMD - K8TM System Clock Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950401 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS950401 Datasheet HTML 6Page - Integrated Circuit Systems ICS950401 Datasheet HTML 7Page - Integrated Circuit Systems ICS950401 Datasheet HTML 8Page - Integrated Circuit Systems ICS950401 Datasheet HTML 9Page - Integrated Circuit Systems ICS950401 Datasheet HTML 10Page - Integrated Circuit Systems ICS950401 Datasheet HTML 11Page - Integrated Circuit Systems ICS950401 Datasheet HTML 12Page - Integrated Circuit Systems ICS950401 Datasheet HTML 13Page - Integrated Circuit Systems ICS950401 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
ICS950401
0499C—11/01/04
Electrical Characteristics - 24MHz, 48MHz
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.4
V
Output Low Voltage
VOL5
IOL = 9 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Edge Rate
1
Measured from 20-80%
0.5
2
V/ns
Fall Edge Rate
1
Measured from 80-20%
0.5
2
V/ns
Duty Cycle
1
dt5
VT = 50%
45
55
%
Jitter, Absolute
1
tjabs5
VT = 1.5 V
-1
1
ns
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = VX, for 24_48MHz clock
0
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = VX, for 48MHz clock
0
200
ps
Output Impedance
ZO
VO = VX
20
60
Ω
Electrical Characteristics - REF
TA = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.4
V
Output Low Voltage
VOL5
IOL = 9 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Edge Rate
1
Measured from 20-80%
0.5
2
V/ns
Fall Edge Rate
1
Measured from 80-20%
0.5
2
V/ns
Duty Cycle
1
dt5
VT = 50%
45
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
Mesured on rising edge @ 1.5V
0
1000
ps
Jitter, Accumulated
1
-1000
1000
ps
1
Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com