Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1232LPS-2 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM1232LPS-2
Description  5V uP Power Supply Monitor and Reset Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1232LPS-2 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM1232LPS-2 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1232LPS-2 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1232LPS-2 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1232LPS-2 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1232LPS-2 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1232LPS-2 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1232LPS-2 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1232LPS-2 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1232LPS-2 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ASM1232LP/LPS
2 of 10
Notice: The information in this document is subject to change without notice
5V µP Power Supply Monitor and Reset Circuit
January 2005
rev 1.5
Pin Configuration
Pin Description
Pin #
8-Pin Package
Pin #
16-Pin Package
Pin
Name
Function
1
2
PBRST
Debounced manual pushbutton RESET input.
24
TD
Watchdog time delay selection. (tTD = 150ms for TD = GND, tTD = 610ms
for TD=Open, and tTD = 1200ms for TD = VCC).
36
TOL
Selects 5% (TOL connected to GND) or 10% (TOL connected to VCC)
trip point tolerance.
4
8
GND
Ground.
5
9
RESET
Active HIGH reset output. RESET is active:
1. If VCC falls below the reset voltage trip point.
2. If PBRST is LOW.
3. If ST is not strobed LOW before the timeout period set by TD expires.
4. During power-up.
6
11
RESET
Active LOW reset output. (See RESET).
713
ST
Strobe input.
815
VCC
5V power.
-
1,3,5,7,
10,12,14,16
NC
No internal connection.
1
2
3
4
5
6
7
8
PBRST
TD
TOL
GND
VCC
ST
RESET
RESET
1
2
3
4
5
6
7
8
PBRST
TD
TOL
GND
VCC
ST
RESET
RESET
ASM1232LPS
9
10
11
12
13
14
15
16
NC
NC
NC
NC
NC
NC
NC
NC
ASM1232LPU
DIP/SO/MicroSO
SO
ASM1232LP
ASM1232LPS-2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com