Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL3066 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL3066
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3066 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL3066 Datasheet HTML 6Page - Diodes Incorporated AL3066 Datasheet HTML 7Page - Diodes Incorporated AL3066 Datasheet HTML 8Page - Diodes Incorporated AL3066 Datasheet HTML 9Page - Diodes Incorporated AL3066 Datasheet HTML 10Page - Diodes Incorporated AL3066 Datasheet HTML 11Page - Diodes Incorporated AL3066 Datasheet HTML 12Page - Diodes Incorporated AL3066 Datasheet HTML 13Page - Diodes Incorporated AL3066 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AL3066
Document number: DS39257 Rev. 2 - 2
13 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL3066
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-16
SO-16
Dim
Min
Max
Typ
A
--
1.260
--
A1
0.10
0.23
--
A2
1.02
--
--
b
0.31
0.51
--
c
0.10
0.25
--
D
9.80
10.00
--
E
5.90
6.10
--
E1
3.80
4.00
--
e
1.27 BSC
h
0.15
0.25
0.20
L
0.40
1.27
--
L1
1.04 REF
L2
0.25 BSC
R
0.07
--
--
R1
0.07
--
--
X
3.945 REF
Y
0.661 REF
θ
0°
8°
--
θ1
5°
15°
--
θ2
0°
--
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-16
Dimensions
Value
(in mm)
C
1.270
X
0.670
X1
9.560
Y
1.450
Y1
6.400
PIN 1
SEE DETAIL 'A'
A1
e
b
E
E/2
E1
E1/2
D
SEATING PLANE
A2
A
GAUGE PLANE
0
R1
R
02
L
L1
L2
Ø0.760 Depth 0.050±0.02
h
h
X
Y
01( 8x)
DETAIL 'A'
SEATING PLANE
c
X1
X
C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com