Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC410 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXSC410
Description  DC-DC BOOST SWITCHING CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXSC410 Datasheet HTML 3Page - Diodes Incorporated ZXSC410 Datasheet HTML 4Page - Diodes Incorporated ZXSC410 Datasheet HTML 5Page - Diodes Incorporated ZXSC410 Datasheet HTML 6Page - Diodes Incorporated ZXSC410 Datasheet HTML 7Page - Diodes Incorporated ZXSC410 Datasheet HTML 8Page - Diodes Incorporated ZXSC410 Datasheet HTML 9Page - Diodes Incorporated ZXSC410 Datasheet HTML 10Page - Diodes Incorporated ZXSC410 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
7 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Information (cont.)
Output Power Calculation
By making the above assumptions for inductance and peak current the output power can be determined by:
POUT = IAV x VIN
x η = (Watts)
Where:
t
t
t
t
x
2
I
I
OFF
ON
DIS
ON
PK
AV
and,
V
L
I
t
IN
PK
ON
and,
V
V
L
I
t
IN
OUT
PK
DIS
and,
tOFF
≈ 1.7μs (internally set by ZXSC410/420/440)
and,
η = efficiency i.e. 100% = 1
Operating frequency can be derived by:
t
t
1
f
OFF
ON
Output Adjustment
The ZXSC410/420/440 are adjustable output controllers allowing the end user the maximum flexibilty. They can be used both as switching
voltage regulators and as constant current regulators. A feedback voltage of 300mV provides a good compromise for both voltage and current
regulation.
For a constant output voltage operation a potential divider network is connected as follows:
VFB
VOUT
GND
RA
RB
The output voltage is determined by the equation:


B
A
FB
OUT
R
R
1
V
V
where VFB = 300mV
The resistor values, RA and RB, should be maximized to improve efficiency and decrease battery drain but not so much that they strongly affect
the accuracy. Optimization can be achieved by assuming a current of IFB(MAX) = 2.2µA out of the VFB pin. Output is adjustable from VFB to the
(BR)VCEO of the switching transistor, Q1.
Note: For the reference designs, RA is assigned the label R2 and RB the label R3.
The ZXSC410/420/440 can also be used to generate a constant current between boosted output rail and the VFB pin by connecting a single
resistor between VFB and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com