Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD350ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TD350ID
Description  Advanced IGBT/MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TD350ID Datasheet HTML 3Page - STMicroelectronics TD350ID Datasheet HTML 4Page - STMicroelectronics TD350ID Datasheet HTML 5Page - STMicroelectronics TD350ID Datasheet HTML 6Page - STMicroelectronics TD350ID Datasheet HTML 7Page - STMicroelectronics TD350ID Datasheet HTML 8Page - STMicroelectronics TD350ID Datasheet HTML 9Page - STMicroelectronics TD350ID Datasheet HTML 10Page - STMicroelectronics TD350ID Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Diagrams
TD350
9/11
7
Application Diagrams
Figure 12: Single supply IGBT drive with active Miller clamp and 2-level turn-off
Figure 13: Large IGBT drive with negative gate drive and desaturation detection
Figure 14: Use of DESAT input for direct overcurrent detection
OUTH
IN
OUTL
VH
DESAT
FAULT
NC
COFF
CLAMP
GND
16V
VREF
VL
LVOFF
NC
Vref
TD350
Desat
delay
Off
Off Level
UVLO
5.1V
VH
Vref
Vref
VH
OUTH
IN
OUTL
VH
DESAT
FAULT
NC
COFF
CLAMP
GND
16V
Pulse Transformer
VREF
VL
-10V
LVOFF
NC
Vref
TD350
Desat
delay
Off
Off Level
UVLO
Vref
Vref
VH
Vref
VH
OUTH
IN
OUTL
VH
DESAT
FAULT
NC
COFF
CLAMP
GND
16V
Pulse Transformer
VREF
VL
LVOFF
NC
Vref
TD350
Desat
delay
Off
Off Level
UVLO
Vref
VH
Vref
VH
Vref
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com