Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD350IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TD350IDT
Description  Advanced IGBT/MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TD350IDT Datasheet HTML 1Page - STMicroelectronics TD350IDT Datasheet HTML 2Page - STMicroelectronics TD350IDT Datasheet HTML 3Page - STMicroelectronics TD350IDT Datasheet HTML 4Page - STMicroelectronics TD350IDT Datasheet HTML 5Page - STMicroelectronics TD350IDT Datasheet HTML 6Page - STMicroelectronics TD350IDT Datasheet HTML 7Page - STMicroelectronics TD350IDT Datasheet HTML 8Page - STMicroelectronics TD350IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TD350
Electrical Characteristics
4/11
3
Electrical Characteristics
Table 4: Tamb = -20 to 125°C, VH=16V, VL=-10V (unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Input
Vton
IN turn-on threshold voltage
0.8
1.0
V
Vtoff
IN turn-off threshold voltage
4.0
4.2
V
tonmin
Minimum pulse width
100
135
220
ns
Iinp
IN Input current
1
µA
Voltage reference - note 1
1)
Recommended capacitor range on VREF pin is 10nF to 100nF.
Vref
Voltage reference
T=25°C
Tmin<T<Tmax
4.85
4.77
5.00
5.15
5.22
V
V
Iref
Maximum output current
10
mA
Desaturation protection
Vdes
Desaturation threshold
6.5
7.2
7.9
V
Ides
Source current
250
µA
Fault output
tfault
Delay for fault detection
500
ns
VFL
FAULT low voltage
Ifsink=10mA
1
V
Clamp
Vtclamp
CLAMP pin voltage threshold
2.0
V
VCL
Clamp low voltage at Icsink=500mA
T=25°C
Tmin<T<Tmax
VL+2.5
VL+3.0
V
V
Off Delay
Vtdel
Voltage threshold
2.35
2.50
2.65
V
Rdel
Discharge resistor
I=1mA
500
Ω
Off Levels
Iblvoff
LVOFF peak input current (sink)
LVOFF=12V
120
200
µA
Violv
Offset voltage
LVOFF=12V
-0.3
-0.15
0
V
Outputs
VOL1
Output low voltage at Iosink=20mA
VL+0.35
V
VOL2
Output low voltage at Iosink=200mA
T=25°C
Tmin<T<Tmax
VL+1.0
VL+1.5
V
V
VOL3
Output low voltage at Iosink=500mA
T=25°C
Tmin<T<Tmax
VL+2.5
VL+3.0
V
V
VOH1
Output high voltage 1
Iosource=20mA
VH-2.5
V
VOH2
Output high voltage 2
Iosource=200mA
VH-3.0
V
VOH3
Output high voltage 3
Iosource=500mA
VH-4.0
V
tr
Rise time
CL=1nF, 10% to 90%
VL=0
VL=-10V
130
175
ns
ns
tf
Fall time
(2 step turn-off disabled)
CL=1nF, 90% to 10%
VL=0
VL=-10V
75
90
ns
ns
tpd
Input to output propagation delay at
turn-on (2 step delay disabled)
10% output change
270
800
ns
∆tw
Input to output pulse distortion
10% output change
10
60
110
ns
Under Voltage Lockout (UVLO)
UVLOH
UVLO top threshold
10
11
12
V
UVLOL
UVLO bottom threshold
9
10
11
V
Vhyst
UVLO hysteresis
UVH-UVL
0.5
1
V
Supply current
Iin
Quiescent current
output=0V, no load
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com