Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6291IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MCP6291IDBVR
Description  10-MHz, Rail-to-Rail Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCP6291IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  MCP6291IDBVR Datasheet HTML 1Page - Texas Instruments MCP6291IDBVR Datasheet HTML 2Page - Texas Instruments MCP6291IDBVR Datasheet HTML 3Page - Texas Instruments MCP6291IDBVR Datasheet HTML 4Page - Texas Instruments MCP6291IDBVR Datasheet HTML 5Page - Texas Instruments MCP6291IDBVR Datasheet HTML 6Page - Texas Instruments MCP6291IDBVR Datasheet HTML 7Page - Texas Instruments MCP6291IDBVR Datasheet HTML 8Page - Texas Instruments MCP6291IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
MCP6291, MCP6292, MCP6294
SBOS879C – JULY 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: MCP6291 MCP6292 MCP6294
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings.............................................................. 7
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information: MCP6291 ................................ 7
7.5
Thermal Information: MCP6292 ................................ 8
7.6
Thermal Information: MCP6294 ................................ 8
7.7
Electrical Characteristics: VS (Total Supply Voltage) =
(V+) – (V–) = 2.4 V to 5.5 V ....................................... 9
7.8
Typical Characteristics ............................................ 11
8
Detailed Description ............................................ 17
8.1
Overview ................................................................. 17
8.2
Functional Block Diagram ....................................... 17
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 18
9
Application and Implementation ........................ 19
9.1
Application Information............................................ 19
9.2
Typical Application .................................................. 19
10
Power Supply Recommendations ..................... 21
10.1
Input and ESD Protection ..................................... 21
11
Layout................................................................... 22
11.1
Layout Guidelines ................................................. 22
11.2
Layout Example .................................................... 22
12
Device and Documentation Support ................. 23
12.1
Documentation Support ........................................ 23
12.2
Related Links ........................................................ 23
12.3
Receiving Notification of Documentation Updates 23
12.4
Community Resources.......................................... 23
12.5
Trademarks ........................................................... 23
12.6
Electrostatic Discharge Caution ............................ 23
12.7
Glossary ................................................................ 23
13
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
Changes from Revision B (April 2018) to Revision C
Page
•
Deleted SOT-23 package preview notation in Device Information table................................................................................ 1
•
Added SC70 package to Device Information table................................................................................................................. 1
•
Added DCK package information to Device Comparison Table ........................................................................................... 3
•
Deleted DBV package preview notation from Pin Configuration and Functions section........................................................ 4
•
Added DCK package drawing and pin functions to Pin Configuration and Functions section ............................................... 4
•
Added DBV (SOT-23) and DCK (SC70) thermal information................................................................................................. 7
Changes from Revision A (October 2017) to Revision B
Page
•
Added DGK package to Thermal Information table .............................................................................................................. 8
Changes from Original (July 2017) to Revision A
Page
•
Deleted MCP6291 SC70, SOT-553, and SOIC packages from Device Information table ..................................................... 1
•
Deleted MCP6292 WSON and VSSOP (10) packages from Device Information table ......................................................... 1
•
Changed MCP6294 14-pin SOIC package from preview to production data in Device Information table ............................ 1
•
Deleted DCK, DRL, DSG, RTE and 8-pin D packages from Device Comparison table ....................................................... 3
•
Deleted DRL (SOT-533) package from MCP6291 pinout image and table in Pin Configuration and Functions section ..... 4
•
Deleted MCP6291 DCK (SC70) and D (SOIC) package pinout drawings and pin information from Pin Configuration
and Functions section............................................................................................................................................................. 4
•
Deleted MCP6292 DSG (WSON) and DGS (VSSOP) package pinout drawings and pin table information in Pin
Configuration and Functions section ..................................................................................................................................... 5
•
Deleted package preview note from MCP6294 pinout drawing in Pin Configuration and Functions section ....................... 6
•
Added MCP6294 Thermal Information table ......................................................................................................................... 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com