Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1816T Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM1816T
Description  Low Power Reset Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1816T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM1816T Datasheet HTML 7Page - STMicroelectronics STM1816T Datasheet HTML 8Page - STMicroelectronics STM1816T Datasheet HTML 9Page - STMicroelectronics STM1816T Datasheet HTML 10Page - STMicroelectronics STM1816T Datasheet HTML 11Page - STMicroelectronics STM1816T Datasheet HTML 12Page - STMicroelectronics STM1816T Datasheet HTML 13Page - STMicroelectronics STM1816T Datasheet HTML 14Page - STMicroelectronics STM1816T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
STM1810/1811/1812/1813/1815/1816/1817/1818
Figure 16. VCC-to-Reset Output Delay vs. Temperature - VOD = VTH – VCC
Figure 17. Voltage Output Low vs. ISINK
Temperature (
°C)
AI10404
0.0
0.5
1.0
1.5
2.0
2.5
3.0
–40
–20
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
0.10
01
2
3
456
ISINK (mA)
VCC = 3V
AI10406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com