Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5299 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5299
Description  80-DOT LCD SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5299 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5299 Datasheet HTML 3Page - OKI electronic componets MSM5299 Datasheet HTML 4Page - OKI electronic componets MSM5299 Datasheet HTML 5Page - OKI electronic componets MSM5299 Datasheet HTML 6Page - OKI electronic componets MSM5299 Datasheet HTML 7Page - OKI electronic componets MSM5299 Datasheet HTML 8Page - OKI electronic componets MSM5299 Datasheet HTML 9Page - OKI electronic componets MSM5299 Datasheet HTML 10Page - OKI electronic componets MSM5299 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MSM5299C
¡ Semiconductor
7/11
FUNCTIONAL DESCRIPTION
Pin Functional Description
• ER, EL
Pin
Input/Output
SHL
Description
Input pin to ENABLE F/F of MSM5299C.
Output pin of ENABLE F/F. EL is connected to next MSM5299C's
ER when MSM5299Cs are connected in series (cascade
connection).
Input pin to ENABLE F/F of MSM5299C.
Output pin of ENABLE F/F. ER is connected to next MSM5299C's
EL when MSM5299Cs are connected in series (cascade
connection).
L
H
Input
Output
Input
Output
ER
EL
EL
ER
When a single MSM5299C device is used, ER (EL) should be set at "L" level.
When a cascade connection is required, set the first MSM5299C's ER (EL) pin at "L" level and
connect the next MSM5299C's EL (ER) pin to the further next MSM5299C's ER (EL) pin.
•CP
Clock pulse input pin for the 4-bit parallel shift register. The data is shifted to the 4-bit parallel
shift register at the falling edge of the clock pulse.
• SHL
ER and EL can be used as either an input pin or an output pin based on the H/L condition of
SHL. The shift direction of each data (D0 to D3), the Input/Output condition of ER and EL
and the H/L condition of SHL are described in the table below.
SHL
L
H
Input
Output
Output
Input
ER
EL
Shift direction
D0
D1
D2
D3
O1
O2
O3
O4
D0
D1
D2
D3
O5
O6
O7
O8
O77
O78
O79
O80
O80
O79
O78
O77
O76
O75
O74
O73
O4
O3
O2
O1
end data
start data



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com