| Electronic Components Datasheet Search |
|
STM1818S Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1818S Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 20 page ![]() STM1810/1811/1812/1813/1815/1816/1817/1818 14/20 MAXIMUM RATING Stressing the device above the rating listed in the Absolute Maximum Ratings” table may cause per- manent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not im- plied. Exposure to Absolute Maximum Rating con- ditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality docu- ments. Table 7. Absolute Maximum Ratings Note: 1. Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to exceed 180°C for between 90 to 150 seconds). DC AND AC PARAMETERS This section summarizes the operating measure- ment conditions, and the DC and AC characteris- tics of the device. The parameters in the DC and AC characteristics Tables that follow, are derived from tests performed under the Measurement Conditions summarized in Table 8, Operating and AC Measurement Conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 8. Operating and AC Measurement Conditions Figure 21. AC Testing Input/Output Waveforms Symbol Parameter Value Unit TSTG Storage Temperature (VCC Off) –55 to 150 °C TSLD (1) Lead Solder Temperature for 10 seconds 260 °C VIO Input or Output Voltage –0.3 to VCC +0.3 V VCC Supply Voltage –0.3 to 7.0 V IO Output Current 20 mA PD Power Dissipation 320 mW Parameter STM1810 - 1818 Unit VCC Supply Voltage 1.0 to 5.5 V Ambient Operating Temperature (TA) –40 to 105 °C Input Rise and Fall Times ≤ 5ns Input Pulse Voltages 0.2 to 0.8VCC V Input and Output Timing Ref. Voltages 0.3 to 0.7VCC V AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |