Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5403B Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP5403B
Description  Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403B Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP5403B Datasheet HTML 15Page - Monolithic Power Systems MP5403B Datasheet HTML 16Page - Monolithic Power Systems MP5403B Datasheet HTML 17Page - Monolithic Power Systems MP5403B Datasheet HTML 18Page - Monolithic Power Systems MP5403B Datasheet HTML 19Page - Monolithic Power Systems MP5403B Datasheet HTML 20Page - Monolithic Power Systems MP5403B Datasheet HTML 21Page - Monolithic Power Systems MP5403B Datasheet HTML 22Page - Monolithic Power Systems MP5403B Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP5403B
– DUAL BUCK AND ONE LOAD SWITCH PMIC
MP5403B Rev. 1.0
www.MonolithicPower.com
20
12/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The output voltage of the two switchers can be
adjusted with the external resistor dividers (see
Figure 3). The typical reference voltage of both
FB1 and FB2 is 600mV. The maximum allowed
voltage for the outputs is close to the input
voltage minus the voltage drop when the high-
side switch is 100% turned on.
MP5403
SW2
FB1
FB2
SW1
R1
R2
R3
R4
Figure 3: Feedback Resistor Dividers to Set the
Output Voltages
The divider current is recommended to be higher
than 500nA to avoid influence from the feedback
node leakage current (which is in the 10nA
level). Considering control loop optimization, the
pull-high resistor is recommended to be between
100 -
500kΩ. Then, the pull-down resistor can be
calculated with Equation (2):
1
V
6
.
0
V
)
3
orR
(
1
R
)
4
orR
(
2
R
OUT
(2)
Table 2 shows some typical output voltages and
their
corresponding
recommended
resistor
divider values.
Table 2: Output Voltage vs. Resistor Values
VOUT
R1
R2
1.2V
300k
Ω
300k
Ω
1.5V
300k
Ω
200k
Ω
1.8V
300k
Ω
150k
Ω
2.5V
300k
Ω
95.3k
Ω
3.3V
300k
Ω
66.5k
Ω
NOTE: COUT is 22µF for each channel
.
Selecting the Inductor
The inductor has a great impact on several key
performances for the step-down switcher, such as
inductor
current
ripple,
output
voltage
ripple,
efficiency, and load transient response.
Calculate the inductor current ripple with Equation (3):
SW
IN
OUT
IN
OUT
L
f
L
V
)
V
V
(
V
I
(3)
Calculate the inductor peak current with Equation (4):
2
L
Load
Lpk
I
I
I
(4)
Choosing the inductance is a trade-off between the
output ripple, efficiency, and transient response. The
larger the inductance is, the smaller the output ripple,
but the slower the response. Choose an inductance
that makes the ripple current 30 - 40% of the max load
current.
The inductor saturation current must be higher than
the inductor peak current.
The inductor also impacts the solution efficiency in
terms of conduction loss and frequency- and coil-
related loss. Generally, the DC resistance provides
DC conduction loss information. For AC conduction
loss and coil-related loss, refer to the vendor
’s
datasheet for more detailed information.
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and the switching noise
from the device. Select an input capacitor with
switching frequency impedance that is less than
the input source impedance to prevent high-
frequency switching current from passing to the
input source. Use low ESR ceramic capacitors
with
X5R
or
X7R
dielectrics
with
small
temperature coefficients. For most applications,
a
22μF capacitor is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com