Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6601 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6601
Description  35V, 2.5A, Stepper Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6601 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6601 Datasheet HTML 6Page - Monolithic Power Systems MP6601 Datasheet HTML 7Page - Monolithic Power Systems MP6601 Datasheet HTML 8Page - Monolithic Power Systems MP6601 Datasheet HTML 9Page - Monolithic Power Systems MP6601 Datasheet HTML 10Page - Monolithic Power Systems MP6601 Datasheet HTML 11Page - Monolithic Power Systems MP6601 Datasheet HTML 12Page - Monolithic Power Systems MP6601 Datasheet HTML 13Page - Monolithic Power Systems MP6601 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP6601 – 35V, 2.5A, STEPPER MOTOR DRIVER W/ INTERNAL CURRENT SENSE
MP6601 Rev. 1.01
www.MonolithicPower.com
11
9/4/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
slow decay is engaged again for another fixed
off time. After the completion of this second
fixed off time, a new PWM cycle begins.
Figure 2 shows the automatic decay mode
operation during a current reduction as a result
of a change in xI0 or xI1.
Figure 2: Slow Decay during tOFF Unless IOUT >
ITRIP at End of tOFF
In some cases (specifically high voltage and
low inductance or regulation of very small
currents), the minimum on time of the PWM
cycle (set by the blanking time described above)
can cause the current to rise very quickly. In
this case, both slow and fast decay are used
(see Figure 3).
Figure 3: Current Regulation of Low Current/Low
Inductance
Sleep Operation (nSLEEP)
Driving nSLEEP low puts the device into a low-
power sleep state. In this state, the gate drive
charge pump is stopped, and all internal circuits
and H-bridge outputs are disabled. All inputs
are ignored when nSLEEP is active low.
When
waking
up
from
sleep
mode,
approximately 1ms of time must pass before
issuing a step command to allow the internal
circuitry time to stabilize. nSLEEP has an
internal pull-down resistor.
Fault (nFAULT)
The MP6601 provides an nFAULT pin that
reports to the system if a fault condition occurs,
such as over-current protection (OCP), over-
temperature protection (OTP), or over-voltage
protection (OVP). nFAULT is an open-drain
output type and is driven low when a fault
condition occurs. If the fault condition is
released, nFAULT is pulled high by an external
pull-up resistor.
Over-Current Protection (OCP)
OCP circuitry limits the current through the
MOSFETs by disabling the gate driver. If the
current reaches the over-current limit threshold
and stays there for longer than the over-current
deglitch time, all MOSFETs in the H-bridge are
disabled, and nFAULT is driven low. The driver
is disabled for 5ms, typically. Afterward, the
driver is re-enabled automatically.
Over-current conditions on both the high- and
low-side devices (i.e.: a short to ground, supply,
or across the motor winding) result in an over-
current shutdown. Note that OCP does not use
the current-sense circuitry used for PWM
current control.
Over-Voltage Protection (OVP)
If the input voltage on VIN is higher than the
OVP threshold, the H-bridge output is disabled,
and nFAULT is driven low. This protection is
released when VIN drops below 38V.
Input UVLO Protection
If at any time the voltage on VIN falls below the
under-voltage lockout (UVLO) threshold voltage,
all circuitry in the device is disabled, and the
internal logic is reset. Operation resumes when
VIN rises above the UVLO threshold.
Thermal Shutdown
If the die temperature exceeds safe limits, all
MOSFETs in the H-bridge are disabled, and
nFAULT
is
driven
low.
Once
the
die
temperature has fallen to a safe level, operation
resumes automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com