Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1818SWX7F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM1818SWX7F
Description  Low Power Reset Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1818SWX7F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM1818SWX7F Datasheet HTML 12Page - STMicroelectronics STM1818SWX7F Datasheet HTML 13Page - STMicroelectronics STM1818SWX7F Datasheet HTML 14Page - STMicroelectronics STM1818SWX7F Datasheet HTML 15Page - STMicroelectronics STM1818SWX7F Datasheet HTML 16Page - STMicroelectronics STM1818SWX7F Datasheet HTML 17Page - STMicroelectronics STM1818SWX7F Datasheet HTML 18Page - STMicroelectronics STM1818SWX7F Datasheet HTML 19Page - STMicroelectronics STM1818SWX7F Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
18/20
Table 12. Marking Description
Part Number
Reset Threshold
Output
Topside Marking
STM1810L
4.62V
Push-Pull RST
STM1810M
4.37V
Push-Pull RST
STM1811L
4.62V
Open Drain RST
STM1811M
4.37V
Open Drain RST
STM1812L
4.62V
Push-Pull RST
STM1812M
4.37V
Push-Pull RST
STM1813L
4.62V
Open Drain RST
STM1813M
4.37V
Open Drain RST
STM1815T
3.06V
Push-Pull RST
STM1815S
2.88V
Push-Pull RST
STM1815R
2.55V
Push-Pull RST
STM1816T
3.06V
Open Drain RST
STM1816S
2.88V
Open Drain RST
STM1816R
2.55V
Open Drain RST
STM1817T
3.06V
Push-Pull RST
STM1817S
2.88V
Push-Pull RST
STM1817R
2.55V
Push-Pull RST
STM1818T
3.06V
Open Drain RST
STM1818S
2.88V
Open Drain RST
STM1818R
2.55V
Open Drain RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com