Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFS Datasheet(PDF) 1 Page - Nichicon corporation

Part # RFS
Description  High Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

RFS Datasheet(HTML) 1 Page - Nichicon corporation

  RFS Datasheet HTML 1Page - Nichicon corporation RFS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
74
CAT.8100H
RFS/RFA
Test condition
Capacitance change
tan δ
ESR( 1)
Leakage current ( 2)
105°C, rated voltage 2000Hrs.
Within ±20% of initial value before test
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
–55 to
+105°C
2.5 to 25V
10 to 330µF
±20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Specifications
Performance Characteristics
Item
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Endurance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
(mm)
φD×L
4×5.2
5×5.7
W
4.3
5.3
H
4.3
5.3
C
5.1
5.9
R
0.5 to 0.9
0.5 to 0.9
P
1.0
1.4
Dimensions
Type numbering system (Example : 2.5V 180µF)
Nichicon part number
R
1
F
2 3
0
4
E
5
1
6
8
7
1
8
M
9
C
10
N
11
1
12
G
13
S
14
Configuration
Taping code
Control code
Capacitance tolerance (±20%)
Rated capacitance (180µF)
Rated voltage (2.5V)
Series name
Type
S
Lot No.
Product Logo
Voltage
Capacitance
FPCAP part number
FP 2R5 ME 181
M
FS
R
Configuration
Taping code
Control code
Capacitance tolerance (±20%)
Capacitance (180µF)
Voltage(2.5V)
Series name
Type
0.2MAX.
W±0.2
L±0.3
P
R
Dimension table in next page.
High Capacitance
(φ4, φ5)
Low ESR, High Capacitance, High ripple current.
Load life of 2000 hours at 105°C.
SMD type : Lead free reflow soldering condition at
260°C peak correspondence.
Compliant to the RoHS directive (2011/65/EU).
RFA
RFS
Lower ESR
Frequency coefficient of rated ripple current
Coefficient
Frequency
120 Hz
1 kHz
10 kHz
100 kHz
300 kHz
0.10
0.45
0.50
1.00
1.00


Similar Part No. - RFS

ManufacturerPart #DatasheetDescription
logo
Mersen
RFS MERSEN-RFS Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101J6 TAIYO-YUDEN-RFS-100V101J6 Datasheet
256Kb / 2P
FOR AUTOMOTIVE AUDIO MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RFS]
RFS-100V101J6#5N TAIYO-YUDEN-RFS-100V101J6#5N Datasheet
256Kb / 2P
FOR AUTOMOTIVE AUDIO MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RFS]
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V101MJ6#5 TAIYO-YUDEN-RFS-100V101MJ6#5 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
More results

Similar Description - RFS

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH32 ROHM-MCH32 Datasheet
1Mb / 5P
High capacitance
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Cornell Dubilier Electr...
MMWA CDE-MMWA Datasheet
74Kb / 3P
High Capacitance, High Voltage
logo
World Produts Inc.
PCPW245 WPI-PCPW245 Datasheet
243Kb / 11P
High capacitance density
logo
Nichicon corporation
RHS NICHICON-RHS Datasheet
681Kb / 2P
High Capacitance
RNE NICHICON-RNE Datasheet
678Kb / 2P
High Capacitance
RNU NICHICON-RNU Datasheet
699Kb / 2P
High Capacitance
RSS NICHICON-RSS Datasheet
706Kb / 2P
High Capacitance
RS6 NICHICON-RS6 Datasheet
684Kb / 2P
Miniature Sized, High Capacitance
logo
Kyocera Kinseki Corpota...
SCC-3.0V KSS-SCC-3.0V Datasheet
666Kb / 8P
High Capacitance Cylindrical SuperCapacitors
Rev 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com