Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PFR
Description  Polypropylene film/foil capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PFR Datasheet HTML 1Page - List of Unclassifed Manufacturers PFR Datasheet HTML 2Page - List of Unclassifed Manufacturers PFR Datasheet HTML 3Page - List of Unclassifed Manufacturers PFR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
215
tan
δ %
1
0.1
1.0
10
100 kHz
0.1
0.01
tan
δ %
0.05
-50 -25
0
+25 +50 +75 +100
°C
0.04
0.03
0.02
Z (
Ω)
10
MHz
1.0
0.1
0.01
1
10
100
1000
∆C/C%
+1
0.1
1.0
10
100 kHz
0
-1
-2
∆C/C%
+1
-50 -25
0
+25 +50 +75 +100
°C
0
-1
-2
PFR
TYPICAL DATA
Capacitance vs.
temperature (at 1 kHz)
Capacitance vs.
frequency (at +23°C)
Resonance frequencies
Dissipation factor vs.
temperature (at 1 kHz)
Dissipation factor vs.
frequency (at +23°C)
ENVIRONMENTAL TEST DATA
MARKING
•
Rated capacitance
•
Capacitance tolerance code
•
Rated voltage
•
Code PFR5
Damp heat test
Test conditions:
T = +40°C, RH = 93%, t = 56 days.
Test criteria:
∆ C/C ≤ ±1%, tanδ ≤ 1.4 x value
before test,(1kHz and 100 kHz)
IR after test 250 000 M
Ω.
Endurance test
Test conditions:
T = +85°C, U = 1.5 x U
R, t = 1000 h
and T = +100°C, U = 1.25 x U
C,
t = 1000 h.
Test criteria:
∆ C/C ≤ ±1%, tanδ ≤ 1.4 x value
before test, (1kHz and 100 kHz)
IR after test 250 000 M
Ω.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com